Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2104 Datasheet(PDF) 92 Page - SMSC Corporation

Part # EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Datasheet(HTML) 92 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 88Page - SMSC Corporation EMC2104 Datasheet HTML 89Page - SMSC Corporation EMC2104 Datasheet HTML 90Page - SMSC Corporation EMC2104 Datasheet HTML 91Page - SMSC Corporation EMC2104 Datasheet HTML 92Page - SMSC Corporation EMC2104 Datasheet HTML 93Page - SMSC Corporation EMC2104 Datasheet HTML 94Page - SMSC Corporation EMC2104 Datasheet HTML 95Page - SMSC Corporation EMC2104 Datasheet HTML 96Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
Revision 1.74 (05-08-08)
92
SMSC EMC2104
DATASHEET
Note: The values shown in Table B.3 are example settings. All the cells in the look-up table are
programmable via SMBus.
Table B.2 Look Up Table Example #1 Configuration
ADDR
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
SETTING
50h
LUT 1
Configuration
USE_D
TS_F1
USE_D
TS_F2
LUT_L
OCK
TACH /
DRIVE
TEMP3_CFG
[1:0]
TEMP4_CFG
[1:0]
C0h
0
0
110
0
0
0
Table B.3 Fan Speed Control Table Example #1
FAN
SPEED
STEP #
EXTERNAL
DIODE 1
TEMPERATURE
(CPU)
EXTERNAL
DIODE 2
TEMPERATURE
(GPU)
EXTERNAL
DIODE 3
TEMPERATURE
(SKIN)
INTERNAL DIODE
TEMPERATURE
(AMBIENT)
FAN DRIVE
SETTINGS
135oC60oC30oC40oC0%
240oC70oC35oC45oC30%
350oC75oC40oC50oC40%
460oC80oC45oC55oC50%
570oC85oC50oC60oC60%
680oC90oC55oC65oC70%
790oC95oC60oC70oC80%
8100oC100oC65oC75oC
100%
Table B.4 Fan Speed Determination for Example #1 (using settings in Table B.3)
EXTERNAL
DIODE 1
TEMPERATURE
(CPU)
EXTERNAL
DIODE 2
TEMPERATURE
(GPU)
EXTERNAL DIODE
3 TEMPERATURE
(SKIN)
INTERNAL DIODE
TEMPERATURE
(AMBIENT)
FAN DRIVE
SETTING RESULT
Example 1:
82°C
82°C
48°C
58°C
70% (CPU temp
requires highest drive)
Example 2:
82C°
97°C
62°C
58°C
80% (GPU and Skin
require highest drive)
Example 3:
82°C
97°C
62°C
75°C
100% (Internal temp
requires highest drive)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com