Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2104 Datasheet(PDF) 72 Page - SMSC Corporation

Part # EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Datasheet(HTML) 72 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 68Page - SMSC Corporation EMC2104 Datasheet HTML 69Page - SMSC Corporation EMC2104 Datasheet HTML 70Page - SMSC Corporation EMC2104 Datasheet HTML 71Page - SMSC Corporation EMC2104 Datasheet HTML 72Page - SMSC Corporation EMC2104 Datasheet HTML 73Page - SMSC Corporation EMC2104 Datasheet HTML 74Page - SMSC Corporation EMC2104 Datasheet HTML 75Page - SMSC Corporation EMC2104 Datasheet HTML 76Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
Revision 1.74 (05-08-08)
72
SMSC EMC2104
DATASHEET
6.27
Fan Minimum Drive Registers
The Fan Minimum Drive Register stores the minimum drive setting for each RPM based Fan Speed
Control Algorithm. The RPM based Fan Speed Control Algorithm will not drive the fan at a level lower
than the minimum drive unless the target Fan Speed is set at FFh (see Section 6.30)
During normal operation, if the fan stops for any reason (including low drive), the RPM based Fan
Speed Control Algorithm will attempt to restart the fan. Setting the Fan Minimum Drive Registers to a
setting that will maintain fan operation is a useful way to avoid potential fan oscillations as the control
circuitry attempts to drive it at a level that cannot support fan operation.
The Fan Minimum Drive Register is software locked.
6.28
Valid TACH Count Registers
The Valid TACH Count Register stores the maximum TACH Reading Register value to indicate that
the each fan is spinning properly. The value is referenced at the end of the Spin Up Routine to
determine if the fan has started operating and decide if the device needs to retry. See Equation [3] for
translating the count to an RPM. This register is only used when the FSC is active.
If the TACH Reading Register value exceeds the Valid TACH Count Register (indicating that the Fan
RPM is below the threshold set by this count), then a stalled fan is detected. In this condition, the
algorithm will automatically begin its Spin Up Routine.
If a TACH Target setting is set above the Valid TACH Count setting, then that setting will be ignored
and the algorithm will use the current fan drive setting.
The Valid TACH Count Register is software locked.
Table 6.42 Minimum Fan Drive Registers
ADDR
R/W
REGISTER
B7B6B5
B4
B3
B2B1B0
DEFAULT
48h
R/W
Fan 1
Minimum
Drive
128
643216
8
4
2
1
66h
(40%)
88h
R/W
Fan 2
Minimum
Drive
128
643216
8
4
2
1
66h
(40%)
Table 6.43 Valid TACH Count Registers
ADDR
R/W
REGISTER
B7B6
B5
B4B3B2
B1B0
DEFAULT
49h
R/W
Valid TACH
Count 1
4096
2048
1024
512
256
128
64
32
F5h
89h
R/W
Valid TACH
Count 2
4096
2048
1024
512
256
128
64
32
F5h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com