Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2104 Datasheet(PDF) 60 Page - SMSC Corporation

Part # EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Datasheet(HTML) 60 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 56Page - SMSC Corporation EMC2104 Datasheet HTML 57Page - SMSC Corporation EMC2104 Datasheet HTML 58Page - SMSC Corporation EMC2104 Datasheet HTML 59Page - SMSC Corporation EMC2104 Datasheet HTML 60Page - SMSC Corporation EMC2104 Datasheet HTML 61Page - SMSC Corporation EMC2104 Datasheet HTML 62Page - SMSC Corporation EMC2104 Datasheet HTML 63Page - SMSC Corporation EMC2104 Datasheet HTML 64Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
Revision 1.74 (05-08-08)
60
SMSC EMC2104
DATASHEET
6.14
Fan Status Register
The Fan Status Register contains the status bits associated with each fan driver. This register is
cleared when read if the error condition has been removed.
Bit 7 - WATCH - This bit is asserted ‘1’ if the host has not programmed the fan driver(s) within four (4)
seconds after power up.
Bit 6 - DRIVE_FAIL2 - Indicates that the RPM based Fan Speed Control Algorithm cannot drive Fan
2 to the desired target setting at maximum drive. This bit can be masked from asserting the ALERT#
pin.
‘0’ - The RPM based Fan Speed Control Algorithm can drive Fan 2 to the desired target setting.
‘1’ - The RPM based Fan Speed Control Algorithm cannot drive Fan 2 to the desired target setting
at maximum drive.
Bit 6 - DRIVE_FAIL1 - Indicates that the RPM based Fan Speed Control Algorithm cannot drive Fan
1 to the desired target setting at maximum drive. This bit can be masked from asserting the ALERT#
pin.
‘0’ - The RPM based Fan Speed Control Algorithm can drive Fan 1 to the desired target setting.
‘1’ - The RPM based Fan Speed Control Algorithm cannot drive Fan 1 to the desired target setting
at maximum drive.
Bit 3 - FAN_SPIN 2- This bit is asserted ‘1’ if the Spin up Routine for Fan 2 cannot detect a valid
tachometer reading within its maximum time window. This bit can be masked from asserting the
ALERT# pin.
Bit 2 - FAN_STALL 2 - This bit is asserted ‘1’ if the tachometer measurement on Fan 2 detects a stalled
fan. This bit can be masked from asserting the ALERT# pin.
Bit 1- FAN_SPIN1- This bit is asserted ‘1’ if the Spin up Routine for Fan 1 cannot detect a valid
tachometer reading within its maximum time window. This bit can be masked from asserting the
ALERT# pin.
Bit 0 - FAN_STALL1 - This bit is asserted ‘1’ if the tachometer measurement on Fan 1 detects a stalled
fan. This bit can be masked from asserting the ALERT# pin.
6.15
Interrupt Enable Register
The Interrupt Enable Register controls the masking for each temperature channel. When a channel is
masked, it will not cause the ALERT# pin to be asserted when an error condition is detected.
Bit 5 - VOLT4_INT_EN - Allows the Voltage Input 4 channel to assert the ALERT# pin.
Table 6.19 Fan Status Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
27h
R-C
Fan Status
Register
WATCH
DRIVE
_FAIL2
DRIVE
_FAIL1
-
FAN_
SPIN2
FAN_
STALL2
FAN_
SPIN1
FAN_
STALL1
00h
Table 6.20 Interrupt Enable Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
28
R/W
Interrupt
Enable
--
VOLT4_I
NT_EN
EXT4_I
NT_EN
EXT3_I
NT_EN
EXT2_I
NT_EN
EXT1_I
NT_EN
INT_IN
T_EN
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com