Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK50H28 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MK50H28
Description  MULTI LOGICAL LINK FRAME RELAY CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H28 Datasheet(HTML) 1 Page - STMicroelectronics

  MK50H28 Datasheet HTML 1Page - STMicroelectronics MK50H28 Datasheet HTML 2Page - STMicroelectronics MK50H28 Datasheet HTML 3Page - STMicroelectronics MK50H28 Datasheet HTML 4Page - STMicroelectronics MK50H28 Datasheet HTML 5Page - STMicroelectronics MK50H28 Datasheet HTML 6Page - STMicroelectronics MK50H28 Datasheet HTML 7Page - STMicroelectronics MK50H28 Datasheet HTML 8Page - STMicroelectronics MK50H28 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
MK50H28
MULTI LOGICAL LINK
FRAME RELAY CONTROLLER
SECTION 1 - FEATURES
Based on ITU Q.933 Annex A and T1.617 An-
nex D Standards for Frame Relay Service and
Additional Pocedures for Permanent Virtual
Circuits(PVCs).
Optional Transparent Mode (no LMI Protocol
Processing - all frame data received).
Local Management Link Protocol with optional
Bi-directional message processing.
Detects and indicates service-affecting errors
in the timing or content of events.
Programmable
Timers/Counters: nT1/T391,
nT2/T392, nN1/N391, nN2/N392, nN3/N393
and dN1 for the LMI/LIV channel.
Provides Error Counters for the LMI channel
and Congestion Statistics for all the active
channels.
LMI/LIV Frames can be transmitted/received
on DLCI 0 or 1023.
Supports reception of up to 4 octets of address
field with a maximum of 8192 active channels
or DLCIs (Data Link Connection Identifiers)
Priority DLCI scheme for channels requiring
higher rate of service.
Buffer Management includes:
- Initialization Block
- Address Look Up Table
- Context Table
- Separate Receive and Transmit Rings of vari-
able size for each active channel
On chip DMA control with programmable burst
length.
Handles all HDLC frame formatting:
- Zero bit insertion and deletion
- FCS (CRC) generation and detection
- Frame delimiting with flags
Programmable minimum frame spacing on
transmission (1-62 flags between frames).
Selectable FCS (CRC) of 16 or 32 bits.
Testing Facilities: Internal Loopback, Silent
Loopback, Clockless Loopback, and Self Test.
System clock rates up to 25 MHz.
CMOS process; Fully compatible with both 8
and 16 bit systems; All inputs and outputs are
TTL compatible.
Programmable for full or half duplex operation.
Pin-for-pin compatible and architecturally the
same as the MK50H25 (X.25/LAPD) and
MK50H27 (CCS#7).
SECTION 2 - DESCRIPTION
The STMicroelectronics MK50H28 Multi-Logical
Link Communications Controller is a CMOS VLSI
device which provides link level data communica-
tions control for Frame Relay Applications on Per-
manent Virtual Circuits (PVCs). The MK50H28
will perform frame formating including: frame de-
limiting with flags, transparency (so-called ”bit-
stuffing”), plus FCS (CRC) generation and detec-
tion. It also supports Local Management Interface
(LMI) protocol with the ”Optional Bidirectional Pro-
cedures” (Annex D, T1.617 - 1991 and T1.617a-
1994).
One of the outstanding features of the MK50H28
is its buffer management which includes on-chip
dual channel DMA. This feature allows users to
receive and transmit multiple data frames at a
time. (A conventional serial communications con-
trol chip plus a separate DMA chip would handle
data for only a single block at a time.)
The
March 2000
DIP48
PLCC52
®
1/64


Similar Part No. - MK50H28

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MK50H25 STMICROELECTRONICS-MK50H25 Datasheet
515Kb / 64P
HIGH SPEED LINK LEVEL CONTROLLER
Jul-1994
MK50H25DIP STMICROELECTRONICS-MK50H25DIP Datasheet
515Kb / 64P
HIGH SPEED LINK LEVEL CONTROLLER
Jul-1994
MK50H25PLCC STMICROELECTRONICS-MK50H25PLCC Datasheet
515Kb / 64P
HIGH SPEED LINK LEVEL CONTROLLER
Jul-1994
MK50H25Q STMICROELECTRONICS-MK50H25Q Datasheet
515Kb / 64P
HIGH SPEED LINK LEVEL CONTROLLER
Jul-1994
MK50H27 STMICROELECTRONICS-MK50H27 Datasheet
417Kb / 56P
Signalling System 7 Link Controller
Sep-1997
More results

Similar Description - MK50H28

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68606 MOTOROLA-MC68606 Datasheet
94Kb / 2P
Multi-Link LAPD(MLAPD) Protocol Controller
logo
PMC-Sierra, Inc
PM7364 PMC-PM7364 Datasheet
2Mb / 325P
FRAME ENGINE AND DATA LINK MANAGER
PM7367 PMC-PM7367 Datasheet
2Mb / 323P
FRAME ENGINE AND DATA LINK MANAGER
PM7380 PMC-PM7380 Datasheet
48Kb / 2P
Frame Engine and Data Link Manager
PM7381 PMC-PM7381 Datasheet
44Kb / 2P
Frame Engine and Data Link Manager
PM7384 PMC-PM7384 Datasheet
44Kb / 4P
Frame Engine and Data Link Manager
logo
ATMEL Corporation
TSS461E ATMEL-TSS461E Datasheet
817Kb / 57P
VAN Data Link Controller
logo
Semtech Corporation
SC4201 SEMTECH-SC4201 Datasheet
226Kb / 9P
Multi-Phase Link Controller
SC4201 SEMTECH-SC4201_04 Datasheet
243Kb / 12P
Multi-Phase Link Controller
logo
LANSDALE Semiconductor ...
ML145488 LANSDALE-ML145488 Datasheet
200Kb / 12P
Dual Data Link Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com