Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK50H28 Datasheet(PDF) 29 Page - STMicroelectronics

Part # MK50H28
Description  MULTI LOGICAL LINK FRAME RELAY CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H28 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button MK50H28 Datasheet HTML 25Page - STMicroelectronics MK50H28 Datasheet HTML 26Page - STMicroelectronics MK50H28 Datasheet HTML 27Page - STMicroelectronics MK50H28 Datasheet HTML 28Page - STMicroelectronics MK50H28 Datasheet HTML 29Page - STMicroelectronics MK50H28 Datasheet HTML 30Page - STMicroelectronics MK50H28 Datasheet HTML 31Page - STMicroelectronics MK50H28 Datasheet HTML 32Page - STMicroelectronics MK50H28 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
BIT
NAME
DESCRIPTION
02:00
LBACK
Loopback Control puts MK50H28 into one of several loopback configurations.
LBACK
DESCRIPTION
0
Normal operation. No loopback.
4
Simple loopback. Receive data and clock are driven internally by
transmit data and clock. Transmit clock must be supplied externally
5
Clockless loopback. Receive data is driven internally by transmit data.
Transmit and receive clocks are driven by SYSCLK divided by 8.
6
Silent loopback. Same as simple loopback with td pin forced to all ones.
7
Silent clockless loopback. Combination of Silent and Clockless
loopbacks. Receive data is driven internally by transmit data, transmit
and receive clocks are driven by SYSCLK divided by 8. The TD pin is
forced to all ones.
4.2.2 Timers/Counters
There are 8 independent counter-timers. The lower 8 bits of IADR+08 are used as a scaler for nT1,
nT2 and TP. The scaler is driven by a clock which is 1/32 of SYSCLK. The dN1 is a 16 bit counter and
is used to count the number of bytes in a frame. The counters nN1, nN2, and nN3 are used for the LMI
frames. The Host will write the periods of all the timers/counters into the Initialization Block.
IADR + 08
SCALER
IADR + 10
TIMER nT1 / T391
IADR + 12
IADR + 14
TIMER TP
IADR + 06
COUNTER dN1
1
5
1
4
1
3
0
7
0
8
0
0
1
1
1
2
0
1
0
2
0
3
0
4
0
5
0
0
0
9
0
6
IADR + 04
User N393/nN3
COUNTER nN1 / N391
TIMER nT2 / T392
User N392/nN2
Ntwk N393
Ntwk N392
MK50H28
29/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com