| Electronic Components Datasheet Search |
|
MK50H28 Datasheet(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MK50H28 Datasheet(HTML) 45 Page - STMicroelectronics |
|
45 / 64 page ![]() FIELD DESCRIPTION PART NUMBER Indicates the part number (28 Hex) for the MK50H28. REV INDICATOR Indicates the current revision of the part. PHASE Indicates the current phase of operation. 0: Stopped, TD is held at 1’s, RD is ignored 10: Information Transfer Only 11: Information Transfer + Auto LMI Transmission - User Mode 12: Information Transfer + Auto LMI Transmission - Network Mode 13: Information Transfer + Auto LMI Transmission - Bi-directional Mode 20: Transparent Mode (all channels are treated as data channels) 30: Initialization Complete XCTADR:<23:00> Current Transmit Context Table Address. This pointer indicates the address of the entry in Context Table Memory Structure corresponding to the descriptor ring from which frames are currently being transmitted. RCTADR:<23:00> Current Receive Context Table Address. This pointer indicates the address of the entry in Context Table Memory Structure corresponding to the descriptor ring into which received frames are currently being placed. Xmit Seq Number Transmit Sequence Number. The Current Sequence number used by the most recently transmitted LMI frame. Recv Seq Number Receive Sequence Number. The Current Sequence number used by the most recently received LMI frame By-Directional Xmit Seq By-Directional Transmit Sequence Number. The Current Sequence number used by the most recently transmitted LMI frame using the Optional Bi-directional Procedures By-Directional Recv Seq By-Directional Receive Sequence Number. The Current Sequence number used by the most recently received LMI frame using the Optional Bi-directional Procedures PRMISA:<23:00> Previous MISS Address. This pointer indicates the address in the Context Table for the most current receive MISS. This value is updated by the MK50H28 whenever a MISS condition occurs and does not require issuing a Status Request primitive to update it, as do all the other fields in the Status Buffer. 4.4 Detailed Programming Procedures 4.4.1 Initialization (Reading of InitializationBlock) The following procedure should be followed to initialize the MK50H28: 1. Setup bus control information in CSR4. 2. Setup the Initialization Block, Address Lookup Table, Context Table, and Descriptor Rings. 3. Load the address of the initialization block information into CSR’s 2 and 3. 4. Issue the INIT primitive through CSR1 (write 4200H to CSR1) instructing the MK50H28 to read the initialization block pointed to by CSR’s 2 and 3. 5. Wait for the INIT confirmation primitive (CSR1 = 0242H) from the MK50H28. Then clear the PAV bit in CSR1 (write 0040H to CSR1). 6. Issue the Start primitive through CSR1 (write 4300H to CSR1). The MK50H28 will now be in INFORMATION TRANSFER phaseand the MK50H28 will begin to continuously transmit flags. 7. Enable interrupts in CSR0 if desired. 4.4.2 Link Setup 4.4.2.1 User Mode (Auto LMI Mode) The following procedure should be followed for establishing a link. 1. Make sure that the ACTIVE bit in the Address Lookup Table is set for the LMI channel. 2. Issue the Auto LMI Primitive 7 with UPARM = 0 through CSR1 (write 4700H) to place the device in Auto LMI User Mode. MK50H28 45/64 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |