Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK50H28 Datasheet(PDF) 6 Page - STMicroelectronics

Part # MK50H28
Description  MULTI LOGICAL LINK FRAME RELAY CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H28 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button MK50H28 Datasheet HTML 2Page - STMicroelectronics MK50H28 Datasheet HTML 3Page - STMicroelectronics MK50H28 Datasheet HTML 4Page - STMicroelectronics MK50H28 Datasheet HTML 5Page - STMicroelectronics MK50H28 Datasheet HTML 6Page - STMicroelectronics MK50H28 Datasheet HTML 7Page - STMicroelectronics MK50H28 Datasheet HTML 8Page - STMicroelectronics MK50H28 Datasheet HTML 9Page - STMicroelectronics MK50H28 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
Table 1: PIN DESCRIPTION (continued)
SIGNAL NAME
PIN(S)
TYPE
DESCRIPTION
As a Bus Slave, the MK50H28 asserts READY when it has put data on the
DAL lines during a READ cycle or is about to take data from the DAL lines
during a WRITE cycle. READY is a response to DAS and it will be released
after DAS or CS is negated.
RESET
23
[25]
I
RESET is the Bus signal that will cause MK50H28 to cease operation, clear
its internal logic and enter an idle state with the Power Off bit of CSR0 set.
TCLK
25
[28]
I
TRANSMIT CLOCK. A 1x clock input for transmitter timing. TD changes on
the falling edge of TCLK. The frequency of TCLK may not be greater than
the frequency of SYSCL
DTR
RTS
26
[29]
IO
DATA TERMINAL READY, REQUEST TO SEND. Modem control pin. Pin
26 is configurable through CSR5. This pin can be programmed to behave as
output RTS or as programmable IO pin DTR. If configured as RTS, the
MK50H28 will assert this pin if it has data to send and throughout the
transmission of a signal unit.
RCLK
27
[30]
I
RECEIVE CLOCK. A 1x clock input for receiver timing. RD is sampled on
the rising edge of RCLK. The frequency of RCLK may not be greater than
the frequency of SYSCLK.
SYSCLK
28
[31]
I
SYSTEM CLOCK. System clock used for internal timing of the MK50H28.
SYSCLK should be as defined in the Electrical Specifications in Section 5.
TD
29
[32]
O
TRANSMIT DATA. Transmit serial data output.
DSR
CTS
30
[33]
IO
DATA SET READY, CLEAR TO SEND. Modem Control Pin. Pin 30 is
configurable through CSR5. This pin can be programmed to behave as input
CTS or as programmable IO pin DSR. If configured as CTS, the MK50H28
will transmit all ones while CTS is high.
RD
31
[34]
I
RECEIVE DATA. Received serial data input.
A<23:16>
32-39
[37-43]
o/3s
Address bits <23:16> used in conjunction with DAL<15:00> to produce a 24
bit address. MK50H28 drives these lines only as a Bus Master. A23-A20
may be driven continuously as described in the CSR4<7> BAE bit.
VSS-GND
1,24
[1,26]
Ground Pins
VCC
48
[52]
Power Supply Pin
+5.0 VDC + 5%
SECTION 3
OPERATIONAL DESCRIPTION
The STMicroelectronics MK50H28 Multi-Logical
Link Communications Controller device is a VLSI
product intended for high performance data com-
munication applications requiring Frame Relay
Service on Permanent Virtual Circuits. The
MK50H28 will perform all frame formatting, such
as: frame delimiting with flags, FCS (CRC) gen-
eration and detection, and zero bit insertion and
deletion for transparency. The MK50H28 also in-
cludes a buffer management mechanism that al-
lows the user to transmit and/or receive multiple
frames for each active channel or DLCI. Con-
tained in the buffer management is an on-chip
dual channel DMA: one channel for receive and
one channel for transmit.
The MK50H28 can be used with any popular 16
or 8 bit microprocessor. A possible system con-
figuration for the MK50H28 is shown in Figure 1.
This document assumes that the processor has a
byte addressable memory organization.
The MK50H28 will move multiple blocks of re-
ceive and transmit data directly in and out of
memory through the Host’s bus.
The MK50H28 may be operated in full or half du-
plex mode.
In half duplex mode the RTS and
CTS modem control pins are provided. In full du-
plex mode, these pins become user programma-
ble I/O pins.
All signal pins on the MK50H28 are TTL compat-
ible.
This has the advantage of making the
MK50H28 independent of the physical interface.
As shown in Fig. 1, line drivers and receivers are
used for electrical connection to the physical
layer.
MK50H28
6/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com