Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK50H28 Datasheet(PDF) 30 Page - STMicroelectronics

Part # MK50H28
Description  MULTI LOGICAL LINK FRAME RELAY CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H28 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button MK50H28 Datasheet HTML 26Page - STMicroelectronics MK50H28 Datasheet HTML 27Page - STMicroelectronics MK50H28 Datasheet HTML 28Page - STMicroelectronics MK50H28 Datasheet HTML 29Page - STMicroelectronics MK50H28 Datasheet HTML 30Page - STMicroelectronics MK50H28 Datasheet HTML 31Page - STMicroelectronics MK50H28 Datasheet HTML 32Page - STMicroelectronics MK50H28 Datasheet HTML 33Page - STMicroelectronics MK50H28 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
TIMER
DESCRIPTION
User N392 /
nN2
Number of errors occuring on the LMI channel before an alarm is declared. In non-Auto
LMI Mode, timer time-outs are ignored and nN2 is only incremented when a STATUS
frame is received with bad sequence number. In Auto LMI User & Bi-directional mode this
is the User N392. The range for N392/nN2 must be 1 - 10 events.
User N393 /
nN3
Measurement interval for N392/nN2. An alarm will be declared if there are errors in nN2
of the last nN3 LMI events. In non-Auto LMI Mode, timer time-outs are ignored and nN3
window is only advanced when a STATUS frame is received In Auto LMI User & Bi-
directional mode this is the User N393. NOTE: nN2 must be less than or equal to nN3 and
the range of nN3 must be 1 - 10 events.
Ntwk N392
Network N392. In Auto LMI Network & Bi-directional mode, this is the number of errors
occuring on the LMI channel before an alarm is declared.
Ntwk N393
Network N393. In Auto LMI Network & Bi-directional mode, this is the measurement
interval for Ntwk N392. NOTE: Ntwk N392 and N393 are updated for LMI frames
received with second set of sequence numbers in Bi-directional mode
dN1
MAXIMUM FRAME LENGTH. This field must contain the two’s complement of one less
than the maximum allowable frame length, in bytes. Any frame that exceeds this count
will be discarded. NOTE: The DLCI header and CRC are included in the maximum frame
length count.
nN1 /
N391
The rate at which Full STATUS_ENQUIRY frame is sent to the network by the MK50H28
upon hosts request. This field must contain the two’s complement of one less than the
desired value. If CSR2<14> bit EIBEN =1, the MK50H28 will expect the value for nN1
counter to be located in the upper byte of IADR+40.
SCALER
TIMER PRESCALER. Timers nT1, nT2 and TP are scaled by this number. The
prescaler is incremented once every 32 system clock pulses. When it reaches zero the
timers are incremented and the prescaler is reset. This field is interpreted as the two’s
complement of the prescaler period. If CSR2<14> bit EIBEN =1, the MK50H28 will use
the entire 16-bit value at IADR+08 as the prescaler value. This may be required to
achieve longer timer values when operating at high SYSCLK speeds. NOTE: a prescale
value of one gives the smallest amount of scaling to the timers (64 clock pulses), zero
gives the largest (8224 clock pulses if EIBEN=0, or 2,097,184 clock pulses if EIBEN=1).
nT1 /
T391
USER POLL TIMER. In Auto LMI mode, the nT1/T391 timer is started when a
STATUS ENQUIRY frame is transmitted. Following the expiration of this timer, the device
transmits another STATUS ENQUIRY frame and increments the nT1/T391 Timeout Error
Counter if a STATUS frame was not received within the polling interval. This is not valid
for LMI frames with second set of sequence numbers. In non-Auto LMI mode, the
nT1/T391 timer is started by issuing a Start Timer nT1/T391 user primitive 8. Only in this
mode, does the device issue a Timer Expiration provider primitive 8 indicating that the
nT1/T391 timer has expired. This field must contain the two’s complement of the period
of the Timer nT1. NOTE: nT1/T391 must be less than nT2/T392.
nT2 /
T392
NETWORK POLL TIMER. In Auto LMI mode, the nT2/T392 timer is started when a
STATUS frame is transmitted. Following the expiration of this timer the device increments
the nT2/T392 Timeout Error Counter if a STATUS ENQUIRY frame was not received
within the poll interval. This is not valid for LMI frames with second set of sequence
numbers. In non-Auto LMI mode the nT2/T392 timer is started by issuing a Start Timer
nT2 user primitive 9. Only in this mode, does the device issue a Timer Expiration
provider primitive 9 indicating that the nT2 timer has expired. NOTE: nT2/T392 must be
greater than nT1/T391.
TP
TRANSMIT POLLING PERIOD. This scaled timer works on the Context Table on a per
channel basis. No attempt to transmit a frame on a link is made until TP expires. When
the TP expires the MK50H28 will first check to see whether the next channel is ready (i.e.,
TXRDY = 1). If TXRDY is set, it will service that channel. Then it will either jump, based
on ENIDX bit being set, or continue to the next sequential channel. The MK50H28 will
continue this process until it finds a CT Entry with the EOR bit set, causing the device to
go to the begining of the CT and service the first Non-LMI channel. This field must contain
two’s complement of the period of the timer TP. NOTE: Once the MK50H28 finishes
servicing a channel (transmitting frames), it waits for TP to expire before begining to poll
for the next available channel that has frames to be transmitted. The MK50H28 continues
its search from channel to channel, without waiting for TP to expire, until it finds the next
available channel that has frames to be transmitted. Setting the TDMD bit causes the
MK50H28 to immediately begin polling without waiting for TP to expire.
MK50H28
30/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com