Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 34Page - Renesas Technology Corp 7549 Datasheet HTML 35Page - Renesas Technology Corp 7549 Datasheet HTML 36Page - Renesas Technology Corp 7549 Datasheet HTML 37Page - Renesas Technology Corp 7549 Datasheet HTML 38Page - Renesas Technology Corp 7549 Datasheet HTML 39Page - Renesas Technology Corp 7549 Datasheet HTML 40Page - Renesas Technology Corp 7549 Datasheet HTML 41Page - Renesas Technology Corp 7549 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 84 page
background image
Rev.2.01
Oct 15, 2007
Page 38 of 81
REJ03B0202-0201
7549 Group
[Transmit buffer register/receive buffer register (TB/
RB)] 001816
The transmit buffer register and the receive buffer register are
located at the same address. The transmit buffer is write-only and
the receive buffer is read-only. If a character bit length is 7 bits,
the MSB of data stored in the receive buffer is “0”.
[Serial I/O status register (SIOSTS)] 001916
The read-only serial I/O status register consists of seven flags
(bits 0 to 6) which indicate the operating status of the serial I/O
function and various errors.
Three of the flags (bits 4 to 6) are valid only in UART mode.
The receive buffer full flag (bit 1) is cleared to “0” when the
receive buffer register is read.
If there is an error, it is detected at the same time that data is
transferred from the receive shift register to the receive buffer
register, and the receive buffer full flag is set. A write to the
serial I/O status register clears all the error flags OE, PE, FE, and
SE (bit 3 to bit 6, respectively). Writing “0” to the serial I/O
enable bit SIOE (bit 7 of the serial I/O control register) also
clears all the status flags, including the error flags.
Bits 0 to 6 of the serial I/O status register are initialized to “0” at
reset, but if the transmit enable bit of the serial I/O control
register has been set to “1”, the transmit shift completion flag (bit
2) and the transmit buffer empty flag (bit 0) become “1”.
[Serial I/O control register (SIOCON)] 001A16
The serial I/O control register consists of eight control bits for
the serial I/O function.
[UART control register (UARTCON)] 001B16
The UART control register consists of four control bits (bits 0 to
3) which are valid when asynchronous serial I/O is selected and
set the data format of an data transfer and one bit (bit 4) which is
always valid and sets the output structure of the P05/TxD pin.
[Baud rate generator (BRG)] 001C16
The baud rate generator determines the baud rate for serial
transfer.
The baud rate generator divides the frequency of the count source
by 1/(n + 1), where n is the value written to the baud rate
generator.
•Notes
• Serial I/O interrupt
When setting the transmit enable bit to “1”, the serial I/O
transmit interrupt request bit is automatically set to “1”. When
not requiring the interrupt occurrence synchronized with the
transmission enabled, take the following sequence.
1. Set the serial I/O transmit interrupt enable bit to “0” (dis-
abled).
2. Set the transmit enable bit to “1”.
3. Set the serial I/O transmit interrupt request bit to “0” after 1
or more instructions have been executed.
4. Set the serial I/O transmit interrupt enable bit to “1”
(enabled).
• I/O pin function when serial I/O is enabled.
The functions of P06 and P07 are switched with the setting values
of a serial I/O mode selection bit and a serial I/O synchronous
clock selection bit as follows.
(1) Serial I/O mode selection bit
→ “1” :
Clock synchronous type serial I/O is selected.
Setup of a serial I/O synchronous clock selection bit
“0” : P06 pin turns into an output pin of a synchronous clock.
“1” : P06 pin turns into an input pin of a synchronous clock.
Setup of a SRDY output enable bit (SRDY)
“0” : P07 pin can be used as a normal I/O pin.
“1” : P07 pin turns into a SRDY output pin.
(2) Serial I/O mode selection bit
→ “0” :
Clock asynchronous (UART) type serial I/O is selected.
Setup of a serial I/O synchronous clock selection bit
“0” : P06 pin can be used as a normal I/O pin.
“1” : P06 pin turns into an input pin of an external clock.
When clock asynchronous (UART) type serial I/O is selected, it
is P07 pin. It can be used as a normal I/O pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com