Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 60Page - Renesas Technology Corp 7549 Datasheet HTML 61Page - Renesas Technology Corp 7549 Datasheet HTML 62Page - Renesas Technology Corp 7549 Datasheet HTML 63Page - Renesas Technology Corp 7549 Datasheet HTML 64Page - Renesas Technology Corp 7549 Datasheet HTML 65Page - Renesas Technology Corp 7549 Datasheet HTML 66Page - Renesas Technology Corp 7549 Datasheet HTML 67Page - Renesas Technology Corp 7549 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 84 page
background image
Rev.2.01
Oct 15, 2007
Page 64 of 81
REJ03B0202-0201
7549 Group
Table 13 Recommended operating conditions (2)
(VCC = 1.8 to 5.5 V, VSS = 0 V, Ta =
−20 to 85 °C, unless otherwise noted)
NOTE:
1. When the oscillation frequency has a duty cycle of 50 %.
Fig 82. Power source voltage and oscillation frequency
Min.
Typ.
f(XIN)
Symbol
Parameter
Limits
Unit
Max.
8
8
50
MHz
XCIN oscillation
(Vcc
− 2.4) × 2
0.7
MHz
+2
kHz
32.768
MHz
XIN oscillation
External clock input
MHz
MHz
MHz
Double-speed mode
High-, middle-,
low-speed mode
Vcc = 4.5
−5.5 V
Vcc = 2.4
−4.5 V
Vcc = 2.2
−2.4 V
Vcc = 4.0
−5.5 V
Vcc = 2.4
−4.0 V
Vcc = 1.8
−2.4 V
Double-, high-, middle-,
low-speed mode
Vcc = 1.8
−5.5 V
XIN oscillation
frequency (Note 1)
XCIN oscillation
frequency (Note 1)
(Vcc
− 2.2)
0.2
+1
(Vcc
− 2.4)
0.4
+4
(Vcc
− 1.8)
0.2
+1
Power source voltage: Vcc(V)
8.0
4.0
2.0
1.0
0.0
0.0
1.5
2.5
3.5
4.5
5.5
2.0
3.0
4.0
5.0
Low-speed on-chip oscillator (5 V/Typ:250 kHz)//Double-, high-, middle-, low-speed mode
High-speed on-chip oscillator
(5 V/Typ:4 MHz)
Double-, high-, middle-,
low-speed mode
XCIN oscillation//Double-, high-, middle-, low-speed mode
XIN oscillation
Double-speed mode
XIN oscillation
High-, middle-,
low-speed mode
When XIN is used, the MCU can be
operated within the range shown in
diagonal lines.
Confirm that the oscillation is stable
within the operating supply voltage
range before use.
Contact the oscillator manufacturer
for oscillation constants.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com