Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 21Page - Renesas Technology Corp 7549 Datasheet HTML 22Page - Renesas Technology Corp 7549 Datasheet HTML 23Page - Renesas Technology Corp 7549 Datasheet HTML 24Page - Renesas Technology Corp 7549 Datasheet HTML 25Page - Renesas Technology Corp 7549 Datasheet HTML 26Page - Renesas Technology Corp 7549 Datasheet HTML 27Page - Renesas Technology Corp 7549 Datasheet HTML 28Page - Renesas Technology Corp 7549 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 84 page
background image
Rev.2.01
Oct 15, 2007
Page 25 of 81
REJ03B0202-0201
7549 Group
Key Input Interrupt (Key-On Wakeup)
A key-on wakeup interrupt request is generated by applying “L”
level to any pin of port P1 that has been set to input mode.
In other words, it is generated when the AND of input level goes
from “1” to “0”. An example of using a key input interrupt is
shown in Figure 23, where an interrupt request is generated by
pressing one of the keys provided as an active-low key matrix
which uses ports P10 to P13 as input ports.
Fig 23. Connection example when using key input interrupt and port P1 block diagram
Port PXx
level output
Port P1 pull-up control register
bit 7 =
Port P17
latch
Port P17
Direction register =
**
*
P17 output
Key input interrupt request
* P-channel transistor for pull-up
** CMOS output buffer
Port P1 pull-up control register
bit 6 =
Port P16
latch
Port P16
Direction register =
**
*
P16 output
bit 5 =
Port P15
latch
Port P15
Direction register =
**
*
P15 output
bit 4 =
Port P14
latch
Port P14
Direction register =
**
*
P14 output
bit 3 =
Port P13
latch
Port P13
Direction register =
**
*
P13 input
bit 2 =
Port P12
latch
Port P12
Direction register =
**
*
P12 input
bit 1 =
Port P11
latch
Port P11
Direction register =
**
*
P11 input
bit 0 =
Port P10
latch
Port P10
Direction register =
**
*
P10 input
Falling edge
detection
Falling edge
detection
Falling edge
detection
Falling edge
detection
Falling edge
detection
Falling edge
detection
Falling edge
detection
Falling edge
detection
Port P10 key-on wakeup
selection bit
Port P16 key-on wakeup
selection bit
“L”
“0”
“0”
“0”
“0”
“1”
“1”
“1”
“1”
“1”
“1”
“1”
“1”
“0”
“0”
“0”
“0”
Port P1
Input read circuit
Port P17 key-on wakeup
selection bit
Port P1 pull-up control register
Port P1 pull-up control register
Port P1 pull-up control register
Port P1 pull-up control register
Port P1 pull-up control register
Port P14 key-on wakeup
selection bit
Port P13 key-on wakeup
selection bit
Port P12 key-on wakeup
selection bit
Port P1 pull-up control register
Port P11 key-on wakeup
selection bit
Port P15 key-on wakeup
selection bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com