Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 24Page - Renesas Technology Corp 7549 Datasheet HTML 25Page - Renesas Technology Corp 7549 Datasheet HTML 26Page - Renesas Technology Corp 7549 Datasheet HTML 27Page - Renesas Technology Corp 7549 Datasheet HTML 28Page - Renesas Technology Corp 7549 Datasheet HTML 29Page - Renesas Technology Corp 7549 Datasheet HTML 30Page - Renesas Technology Corp 7549 Datasheet HTML 31Page - Renesas Technology Corp 7549 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 84 page
background image
Rev.2.01
Oct 15, 2007
Page 28 of 81
REJ03B0202-0201
7549 Group
Fig 25. Structure of timer mode register
Fig 26. Structure of timer count source set register
Fig 27. Block diagram of timer 1 and timer 2
b7
b0
Timer mode register
(TM: address 002B16, initial value: 0016)
Not used (return “0” when read)
Timer 2 count stop bit
0: Count start
1: Count stop
P13/T2OUT output valid bit
0: Pulse output invalid (I/O port)
1: Pulse output valid
T2OUT polarity selection bit
0: Start from “H” level
1: Start from “L” level
Timer 2 write control bit
0: Write to latch and timer simultaneously
1: Write to only latch
Timer A write control bit
0: Write to latch and timer simultaneously
1: Write to only latch
Timer A count stop bit
0: Count start
1: Count stop
Not used (return “0” when read)
b7
b0
Timer count source set register
(TCSS: address 002C16, initial value: 0016)
Timer 2 count source selection bit
b1 b0
0 0 :
φSOURCE/16
0 1 :
φSOURCE/256
1 0 : Prescaler 12 output
1 1 : Timer A underflow signal
Timer A count source selection bit (Note 1)
b4 b3 b2
0 0 0 :
φSOURCE/16
0 0 1 :
φSOURCE/2
0 1 0 :
φSOURCE/32
0 1 1 :
φSOURCE/64
1 0 0 :
φSOURCE/128
1 0 1 :
φSOURCE/256
1 1 0 : Low-speed on-chip oscillator output
1 1 1 : XCIN input clock
(32 kHz quartz crystal oscillation)
Prescaler 12 count source selection bit
0 :
φSOURCE/16
1 : XCIN input clock
(32 kHz quartz crystal oscillation)
Not used (return “0” when read)
Note 1:
φSOURCE is the clock selected by bits 5 and 4 in the clock mode register (003716).
The timer count sources are not affected by bits 7 and 6, the CPU clock dividing
ratio select bits.
Data bus
Timer 1
interrupt
request
φSOURCE/16
XCIN input clock
(32 kHz quartz
crystal oscillation)
Data bus
Prescaler 12 latch (8)
Timer 1 latch (8)
Prescaler 12 (8)
Timer 1 (8)
φSOURCE/256
φSOURCE/16
Timer 2 count
stop bit
Timer 2 count
source selection bit
Prescaler 12 count
source selection bit
Timer 2
interrupt
request
Timer 2 latch (8)
Timer 2 (8)
Timer A underflow
Timer 2 write
control bit
Toggle flip-flop
T
Q
Q
P13/T2OUT output valid bit
R
T2OUT polarity
selection bit
“1”
“0”
P13/T2OUT
output valid bit
Port P13 latch
Port P13
direction
register
P13/T2OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com