Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 65Page - Renesas Technology Corp 7549 Datasheet HTML 66Page - Renesas Technology Corp 7549 Datasheet HTML 67Page - Renesas Technology Corp 7549 Datasheet HTML 68Page - Renesas Technology Corp 7549 Datasheet HTML 69Page - Renesas Technology Corp 7549 Datasheet HTML 70Page - Renesas Technology Corp 7549 Datasheet HTML 71Page - Renesas Technology Corp 7549 Datasheet HTML 72Page - Renesas Technology Corp 7549 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 84 page
background image
Rev.2.01
Oct 15, 2007
Page 69 of 81
REJ03B0202-0201
7549 Group
(6) Timing Requirements
Table 20 Timing requirements (1)
(VCC = 4.0 to 5.5 V, VSS = 0 V, Ta =
−20 to 85 °C, unless otherwise noted)
NOTES:
1. As for CAP0, it is the value when noise filter is not used.
2. In this time, bit 6 of the serial I/O control register (address 001A16) is set to “1” (clock synchronous serial I/O is selected).
When bit 6 of the serial I/O control register is “0” (clock asynchronous serial I/O is selected), the rating values are divided by 4.
Table 21 Timing requirements (2)
(VCC = 2.4 to 5.5 V, VSS = 0 V, Ta =
−20 to 85 °C, unless otherwise noted)
NOTES:
1. As for CAP0, it is the value when noise filter is not used.
2. In this time, bit 6 of the serial I/O control register (address 001A16) is set to “1” (clock synchronous serial I/O is selected).
When bit 6 of the serial I/O control register is “0” (clock asynchronous serial I/O is selected), the rating values are divided by 4.
Reset input “L” pulse width
External clock input cycle time
External clock input “H” pulse width
External clock input “L” pulse width
INT0, INT1, CAP0 input “H” pulse width (Note 1)
INT0, INT1, CAP0 input “L” pulse width (Note 1)
Serial I/O clock input cycle time (Note 2)
Serial I/O clock input “H” pulse width (Note 2)
Serial I/O clock input “L” pulse width (Note 2)
Serial I/O input set up time
Serial I/O input hold time
Symbol
Parameter
Limits
Unit
Min.
2
125
50
50
80
80
800
370
370
220
100
Typ.
µs
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Max.
______
tW(RESET)
tC(XIN)
tWH(XIN)
tWL(XIN)
tWH(INT0)
tWL(INT0)
tC(SCLK)
tWH(SCLK)
tWL(SCLK)
tsu(RXD-SCLK)
th(SCLK-RXD)
Reset input “L” pulse width
External clock input cycle time
External clock input “H” pulse width
External clock input “L” pulse width
INT0, INT1, CAP0 input “H” pulse width (Note 1)
INT0, INT1, CAP0 input “L” pulse width (Note 1)
Serial I/O clock input cycle time (Note 2)
Serial I/O clock input “H” pulse width (Note 2)
Serial I/O clock input “L” pulse width (Note 2)
Serial I/O input set up time
Serial I/O input hold time
Symbol
Parameter
Limits
Unit
Min.
2
250
100
100
230
230
2000
950
950
400
200
Typ.
µs
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Max.
______
tW(RESET)
tC(XIN)
tWH(XIN)
tWL(XIN)
tWH(INT0)
tWL(INT0)
tC(SCLK)
tWH(SCLK)
tWL(SCLK)
tsu(RXD-SCLK)
th(SCLK-RXD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com