Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 48Page - Renesas Technology Corp 7549 Datasheet HTML 49Page - Renesas Technology Corp 7549 Datasheet HTML 50Page - Renesas Technology Corp 7549 Datasheet HTML 51Page - Renesas Technology Corp 7549 Datasheet HTML 52Page - Renesas Technology Corp 7549 Datasheet HTML 53Page - Renesas Technology Corp 7549 Datasheet HTML 54Page - Renesas Technology Corp 7549 Datasheet HTML 55Page - Renesas Technology Corp 7549 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
Rev.2.01
Oct 15, 2007
Page 52 of 81
REJ03B0202-0201
7549 Group
• Oscillation stop detection circuit
The oscillation stop detection circuit is used to detect an
oscillation stop when a ceramic resonator or oscillation circuit
stops due to disconnection. To use the oscillation stop detection
circuit, set the low-speed on-chip oscillator to start operating.
The oscillation stop detection circuit is enabled by setting the
XIN oscillation stop detection function active bit to 1. While this
circuit is enabled, the operating status of the XIN oscillation
circuit is monitored using the low-speed on-chip oscillator. If an
oscillation stop is detected, the oscillation stop detection status
bit is set to 1. If the oscillation stop detection reset enable bit is
also set to 1, an internal reset is triggered at oscillation stop
detection.
The XIN oscillation stop detection function active bit and the
oscillation stop detection status bit are not initialized if an
oscillation stop detection reset is triggered and these bits retain
their value of 1. Since these bits are initialized to 0 by an external
reset, an oscillation stop detection reset can be determined by
checking the oscillation stop status bit.
The oscillation stop detection status bit is set to 0 by writing 0 to
the XIN oscillation stop detection function enable bit.
To enable the oscillation detection circuit, first write 0 to the XIN
oscillation stop detection function enable bit and set the
oscillation stop detection status bit to 0. Then set the oscillation
stop function to 1.
The XIN oscillation and external clock input are set as the clocks
for oscill ati o n stop detect ion. Refer t o the el ectrica l
characteristics for the frequencies for oscillation stop detection.
Fig 67. Structure of oscillation stop detection register
•Notes
(1)
Do not execute the transition to “state 2’a” shown in Figure
68 State transition of oscillation stop detection circuit. In
this state, no reset is triggered and the MCU is stopped even
when the XIN oscillation stops.
(2) After an oscillation stop detection reset, if this reset is
enabled while bits XIN oscillation stop detection function
active and oscillation stop detection status are retained, a
reset is triggered again.
(3) The oscillation stop detection status bit is initialized under
the following conditions:
• External reset, power-on reset, low-voltage detection reset,
watchdog timer reset, and reset by the STP instruction
function.
• Write 0 to the XIN oscillation stop detection function active
bit
(4) While the oscillation stop detection function is in active, the
oscillation stop detection status bit may set to 1 when the
watchdog timer underflows or by a reset when the STP
instruction is executed with the STP instruction function
selection bit set to 1.
When an oscillation stop detection reset is triggered,
reconfirm that oscillation is stopped.
(5) The oscillation stop detection circuit is not included in the
emulator MCU “M37549RLSS”.
XIN oscillation stop detection function active bit
0: Detection function inactive
1: Detection function active
Oscillation stop detection reset enable bit
0: Oscillation stop detection reset disabled
1: Oscillation stop detection reset enabled
Oscillation stop detection status bit
0: Oscillation stop not detected
1: Oscillation stop detected
Not used (“0” at reading)
b7
Oscillation stop detection register
(CLKSTP: address 003816, initial value: 0016)
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com