Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 49Page - Renesas Technology Corp 7549 Datasheet HTML 50Page - Renesas Technology Corp 7549 Datasheet HTML 51Page - Renesas Technology Corp 7549 Datasheet HTML 52Page - Renesas Technology Corp 7549 Datasheet HTML 53Page - Renesas Technology Corp 7549 Datasheet HTML 54Page - Renesas Technology Corp 7549 Datasheet HTML 55Page - Renesas Technology Corp 7549 Datasheet HTML 56Page - Renesas Technology Corp 7549 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 84 page
background image
Rev.2.01
Oct 15, 2007
Page 53 of 81
REJ03B0202-0201
7549 Group
Fig 68. State transition of oscillation stop detection circuit
Notes on switch of clock
(1) Executing the state transition after stabilizing XIN oscillation.
(2) MCU cannot be returned by on-chip oscillator and its operation is stopped since internal reset does not
occur at oscillation stop detected in state 2'a. Accordingly, do not execute the transition to state 2'a.
(3) STP instruction cannot be used when oscillation stop detection circuit is in active.
(4) The same applies when the high-speed on-chip oscillator is set as
φSOURCE. Make sure that the low-speed
on-chip oscillator should also oscillate. When a reset occurs, the high-speed on-chip oscillator stops.
Reset state 1
Oscillation stop detection reset disabled
When oscillation stop is detected;
CLKSTP2 is set to “1”.
Internal RESET does not occur.
= 02
= 12
CLKSTP0 = 02
(CLKSTP2 is set to “0”.)
CLKSTP 0 = 12
(Note 1)
Oscillation stop is detected
(internal reset)
Reset state 2
External reset (RESET=“L”)
⋅ Power-on reset
⋅ Low voltage detection reset
⋅ Watchdog timer reset
⋅ Reset by STP instruction function
Return from oscillation stop detection reset
CLKSTP2 is set to “1”.
So, return from oscillation stop reset can be
confirmed.
CLKSTP1= 02
CLKSTP1 = 02
(CLKSTP2 is
set to “0”.)
CLKM54 = 102
CLKM54 = 002
(Note 1)
Prohibitive state
MCU stops when oscillation stops
occurs.
State 3'a
State 2'b
State 3'b
State 3'c
Oscillation stop detection reset enabled
When oscillation stop is detected;
CLKSTP2 is set to “1”.
Internal RESET occurs.
Oscillation stop detection reset enabled
When oscillation stop is detected;
CLKSTP2 is set to “1”.
Internal RESET occurs.
Reset
released
CLKM54 = 102
CLKM54 = 002
(Note 1)
CLKM54=102
CLKM54=002
(Note 1)
State 3
XIN oscillation
: enabled
Low-speed on-chip oscillator : enabled
State 3'
XIN oscillation
: enabled
Low-speed on-chip oscillator : enabled
XIN
: enabled
High-speed on-chip oscillator : stop
Low-speed on-chip oscillator : enabled
CLKSTP1
CLKSTP1
CLKSTP1 = 12
State 2'
CLKSTP1= 12
XIN
: enabled
High-speed on-chip oscillator : stop
Low-speed on-chip oscillator : enabled
Reset
released
XIN oscillation
: enabled
Low-speed on-chip oscillator : enabled
XIN oscillation
: enabled
Low-speed on-chip oscillator : enabled
State 2
(Note 2)
(Note 2)
(Note 2)
φSOURCE: XIN
φSOURCE: Low-speed on-chip oscillator (Note 4)
Oscillation stop detection
circuit is in active. (Note 3)
State 2'a (Note 2)
Oscillation stop detection reset disabled
When oscillation stop is detected;
CLKSTP2 is set to "1".
Internal RESET does not occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com