Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 73Page - Renesas Technology Corp 7549 Datasheet HTML 74Page - Renesas Technology Corp 7549 Datasheet HTML 75Page - Renesas Technology Corp 7549 Datasheet HTML 76Page - Renesas Technology Corp 7549 Datasheet HTML 77Page - Renesas Technology Corp 7549 Datasheet HTML 78Page - Renesas Technology Corp 7549 Datasheet HTML 79Page - Renesas Technology Corp 7549 Datasheet HTML 80Page - Renesas Technology Corp 7549 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 84 page
background image
Rev.2.01
Oct 15, 2007
Page 77 of 81
REJ03B0202-0201
7549 Group
Notes on Interrupts
1. Change of relevant register settings
1. Change of relevant register settings
When not requiring for the interrupt occurrence synchronous
with the following case, take the sequence shown in Figure 5.
• When switching external interrupt active edge
• When switching interrupt sources of an interrupt vector
address where two or more interrupt sources are allocated
Fig 89. Sequence of changing relevant register
<Reason>
When setting the followings, the interrupt request bit of the
corresponding interrupt may be set to “1”.
• When switching external interrupt active edge
INT0 interrupt edge selection bit
(bit 0 of Interrupt edge selection register (address 003A16))
INT1 interrupt edge selection bit
(bit 1 of Interrupt edge selection register)
Capture 0 interrupt edge selection bit
(bits 1 and 0 of capture mode register (address 3216))
Capture 1 interrupt edge selection bit
(bits 3 and 2 of capture mode register)
2. Check of interrupt request bit
When executing the BBC or BBS instruction to determine an
interrupt request bit immediately after this bit is set to “0”, take
the following sequence.
<Reason>
If the BBC or BBS instruction is executed immediately after an
interrupt request bit is cleared to “0”, the value of the interrupt
request bit before being cleared to “0” is read.
Fig 90. Sequence of check of interrupt request bit
Notes on Timers
1. Division Ratio of Timers 1, 2, and A
When n (0 to 255) is written to a timer latch, the frequency
division ratio is 1/(n
+1).
2. Switching Count Source of Timers 1, 2, and A
When a count source of timer 1, timer 2 or timer A is switched,
stop a count of the timer.
3. Reading from and Writing to Timers 1, 2, and
Prescaler 12
If the timer/prescaler count source clock and
φSOURCE are
different clocks, the timers and prescaler cannot be read or
written. Select the same clock to enable read and write
operations.
Note that timer 2 can be read and written even using a
different clock while its counting is stopped.
1Prescaler 12 and timer 1 cannot be read/written in the
following conditions:
Prescaler 12 count source: XCIN input clock
φSOURCE: Clock other than XCIN input clock
2Timer 2 cannot be read/written during counting in the
following conditions:
Timer 2 count source: Prescaler 12
Prescaler 12 count source: XCIN input clock
φSOURCE: Clock other than XCIN input clock
or
Timer 2 count source: Timer A underflow
Timer A count source: XCIN input clock
φSOURCE: Clock other than XCIN input clock
or
Timer 2 count source: Timer A underflow
Timer A count source: low-speed on-chip oscillator output
φSOURCE: Clock other than low-speed on-chip oscillator
4. Count Source of Prescaler 12
The XCIN input clock can be selected as the prescaler count
source only if the 32 kHz quartz crystal oscillator is selected by
the oscillation method selection bit in FSROM1.
5. Timer Value Setting
When the timer A write control bit is set to “write to only latch”,
written data is written to only to the latch even when the timer is
stopped. To set the initial setting value when the timer is stopped,
select “Write to timer and latch simultaneously” beforehand.
Set the interrupt edge selection bit active edge
switch bit, or the interrupt source selection bit.
NOP (One or more instructions)
Set the corresponding interrupt enable bit to
“0” (disabled).
Set the corresponding interrupt request bit to “0”
(no interrupt request).
Set the corresponding interrupt enable bit to “1”
(enabled).
NOP (one or more instructions)
Set the interrupt request bit to “0” (no interrupt issued)
Execute the BBC or BBS instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com