Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 15Page - Renesas Technology Corp 7549 Datasheet HTML 16Page - Renesas Technology Corp 7549 Datasheet HTML 17Page - Renesas Technology Corp 7549 Datasheet HTML 18Page - Renesas Technology Corp 7549 Datasheet HTML 19Page - Renesas Technology Corp 7549 Datasheet HTML 20Page - Renesas Technology Corp 7549 Datasheet HTML 21Page - Renesas Technology Corp 7549 Datasheet HTML 22Page - Renesas Technology Corp 7549 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 84 page
background image
Rev.2.01
Oct 15, 2007
Page 19 of 81
REJ03B0202-0201
7549 Group
Termination of unused pins
• Termination of common pins
I/O ports:
Select an input port or an output port and follow
each processing method.
Output ports: Open.
Input ports:
If the input level become unstable, through current
flow to an input circuit, and the power supply
current may increase.
Especially, when expecting low consumption
current (at STP or WIT instruction execution etc.),
pull-up or pull-down input ports to prevent
through current (built-in resistor can be used).
We recommend processing unused pins through a
resistor which can secure IOH (avg) or IOL (avg).
Because, when an I/O port or a pin which have an
output function is selected as an input port, it may
operate as an output port by incorrect operation
etc.
Table 7
Termination of unused pins
Pin
Termination
P00/INT0
Perform termination of I/O port.
P01/INT1
P02
P03
P04/RXD
P05/TXD
P06/SCLK
P07/SRDY
P10/AN0/KEY0/CMP0
P11/AN1/KEY1/CMP1
P12/AN2/KEY2/CMP2
P13/AN3/KEY3/T2OUT
P14/AN4/KEY4
P15/AN5/KEY5
P16/AN6/KEY6
P17/AN7/KEY7
P20/XOUT/XCOUT
Set the direction register to “1”,
and perform termination of output
port.
P21/XIN/XCIN
Perform termination of I/O port.
P30
P31
RESET
To use the built-in power-on reset
circuit, leave the RESET pin open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com