Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 76Page - Renesas Technology Corp 7549 Datasheet HTML 77Page - Renesas Technology Corp 7549 Datasheet HTML 78Page - Renesas Technology Corp 7549 Datasheet HTML 79Page - Renesas Technology Corp 7549 Datasheet HTML 80Page - Renesas Technology Corp 7549 Datasheet HTML 81Page - Renesas Technology Corp 7549 Datasheet HTML 82Page - Renesas Technology Corp 7549 Datasheet HTML 83Page - Renesas Technology Corp 7549 Datasheet HTML 84Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 82 / 84 page
background image
A - 1
REVISION HISTORY
7549 Group Datasheet
Rev.
Date
Description
Page
Summary
1.00
Dec 15, 2006
-
First edition issued
2.00
Feb 19, 2007
1
FEATURES: “• LED output port”
→ “• LED direct drive port”
“• Built-in high-speed on-chip oscillator”
→ “High-speed on-chip oscillator”
“• Built-in low-speed on-chip oscillator”
→ “Low-speed on-chip oscillator”
•Power dissipation: “TBD”
→ “30 mW”
4
Table 1: I/O port P00-P07; “LED direct drive ports” is added
A/D converter; “8 channel”
→ “× 8 channel”
6Table 2: P03 “Capture function pin”
→ “Capture input pin”
P10-P12 “Compare function pin”
→ “Compare output pin”
P13 “Timer 2 function pin”
→ “Timer 2 output pin”
P20, P21 “external oscillator pin”
→ “clock pins”
10
[CPU mode register]: Description is revised and moved from the page 12.
11
Function set ROM Area: Description is revised and moved from the page 47.
<Notes>: (2) is added, (3) is revised
12
Fig 8 Note is deleted
14
Fig 10, Fig 11, Fig 12 is moved from the page 47.
Fig 12 is revised
15
[Pull-up control registers]: Description revised
Fig 13, Fig 14, Fig 15 is revised
16
Table 6 is revised
17, 18
Fig 16, Fig 17; Title is revised
19
Contents of Table 7 is added
21
Table 8: Key-on wakeup “P0”
→ “P1”
24
Timers, • Notes on Timers 1 and 2: Description is revised
26
Timer A (TA), • Notes on Timer A: Description is revised
27
Output compare: Contents of description added
Fig 29 “oscillator/512”
→ “oscillator/16”
31
Input capture: Contents of description added
32
Fig 39 “oscillator/512”
→ “oscillator/16”
37, 38
register name: “A/D”
→ “AD”
38
•
Notes on A/D converter: (2) is added
39
Watchdog Timer is revised
Fig 50, Fig 53 is revised
40
•
Notes on Watchdog Timer is revised
42
Fig 56 is revised
43
Clock Circuit is revised
44
Oscillation Control is added
Table 9 is added
Fig 61 is revised
47
Fig 62 is revised
48
Fig 63 is revised
49
“oscillation stop”
→ “oscillation stop detection”
Fig 64 is revised
Fig 65 is revised, Note 4 is added
•
Notes on Function Set ROM Data 2 is deleted
50
Table 10: P10 “ESDA input”
→ “ESDA I/O”, “Output” → “I/O”
REVISION HISTORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com