Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 64Page - Renesas Technology Corp 7549 Datasheet HTML 65Page - Renesas Technology Corp 7549 Datasheet HTML 66Page - Renesas Technology Corp 7549 Datasheet HTML 67Page - Renesas Technology Corp 7549 Datasheet HTML 68Page - Renesas Technology Corp 7549 Datasheet HTML 69Page - Renesas Technology Corp 7549 Datasheet HTML 70Page - Renesas Technology Corp 7549 Datasheet HTML 71Page - Renesas Technology Corp 7549 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 84 page
background image
Rev.2.01
Oct 15, 2007
Page 68 of 81
REJ03B0202-0201
7549 Group
(5) Power-on reset circuit characteristics
Table 18 Power-on reset circuit characteristics
(VCC = 1.8 to 5.5 V, VSS = 0 V, Ta =
−20 to 85 °C, unless otherwise noted)
NOTE:
1. VPOR is the start voltage level of Vcc for the built-in power-on reset circuit to operate normally.
Keep VPOR to be lower than the Vcc voltage before rising of the Vcc power source to use the built-in power-on reset circuit.
Set the built-in low voltage detection circuit to be valid when the built-in power-on reset is used.
Table 19 Low voltage detection circuit characteristics
Low voltage detection circuit characteristics
(VCC = 1.8 to 5.5 V, VSS = 0 V, Ta =
−20 to 85 °C, unless otherwise noted)
NOTE:
1. VLVD is the start voltage level of Vcc for the built-in low voltage detection circuit to operate normally.
If the Vcc power source becomes lower than VLVD, first set the Vcc voltage to be lower than VPOR. Next, according to the electrical
characteristics of the power-on reset circuit, perform the rising of Vcc.
Fig 83. Electrical characteristics of power-on reset circuit and voltage drop detection circuit
VPOR
TW(VPOR)
TW(VPOR-VDET)
Valid start voltage of power-on reset circuit (Note)
VPOR hold time
Rising time of valid power source of power-on reset circuit
Symbol
Parameter
Limits
Unit
Min.
Typ.
V
s
ms
Max.
0
10
20
TW(VPOR) > 10 s
Test conditions
VLVD
TW(VLVD)
TW(VLVD-VDET)
VDET-
V(VDET+- VDET-)
TDET
Valid start voltage of low voltage detection circuit (Note)
VLVD hold time
Rising time of valid power source of low voltage detection circuit
Detection voltage of low voltage detection circuit
Detection voltage Hysteresis (when hysteresis is valid)
Detection time of low 5voltage detection circuit
Symbol
Parameter
Limits
Unit
Min.
1.0
1.85
1.80
Typ.
1.95
1.95
0.10
20
V
s
s
V
V
V
µs
Max.
10
10
2.05
2.10
TW(VLVD) > 10 s
Ta = 0
−50 °C
Ta =
−20−85 °C
Ta =
−20−85 °C
Test conditions
Vcc power source
waveform
VPOR
0 V
TW(VPOR)T
T(VPON-VDET)
TDET
TW(VLVD)T
T(VLVD-VDET)
Note
VDET+
VDET-
Internal reset signal
Power-on reset circuit
characteristics
Low voltage detection circuit
characteristics
VPOR
Note: If schmitt of the voltage drop detection circuit is set to be invalid, system is released from reset at the timing of rising to
power source voltage VDET-.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com