Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # 7549
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 18Page - Renesas Technology Corp 7549 Datasheet HTML 19Page - Renesas Technology Corp 7549 Datasheet HTML 20Page - Renesas Technology Corp 7549 Datasheet HTML 21Page - Renesas Technology Corp 7549 Datasheet HTML 22Page - Renesas Technology Corp 7549 Datasheet HTML 23Page - Renesas Technology Corp 7549 Datasheet HTML 24Page - Renesas Technology Corp 7549 Datasheet HTML 25Page - Renesas Technology Corp 7549 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 84 page
background image
Rev.2.01
Oct 15, 2007
Page 22 of 81
REJ03B0202-0201
7549 Group
Fig 19. Structure of Interrupt-related registers
b7
b0
INT0 interrupt edge selection bit
0: Falling edge active
1: Rising edge active
INT1 interrupt edge selection bit
0: Falling edge active
1: Rising edge active
Not used (returns “0” when read)
Interrupt edge selection register
(INTEDGE: address 003A16, initial value: 0016)
b7
b0
Interrupt request register 1
(IREQ1: address 003C16, initial value: 0016)
Serial I/O receive interrupt request bit
Serial I/O transmit interrupt request bit
INT0 interrupt request bit
INT1 interrupt request bit
Key-on wake up interrupt request bit
Capture interrupt request bit
Compare interrupt request bit
Timer A interrupt request bit
0: No interrupt request issued
1: Interrupt request issued
b7
b0
b7
b0
b7
b0
Interrupt request register 2
(IREQ2: address 003D16, initial value: 0016)
Timer 2 interrupt request bit
A/D conversion interrupt request bit
Timer 1 interrupt request bit
Not used (returns “0” when read)
(Do not write “1” to this bit)
0: No interrupt request issued
1: Interrupt request issued
Interrupt control register 1
(ICON1: address 003E16, initial value: 0016)
Serial I/O receive interrupt enable bit
Serial I/O transmit interrupt enable bit
INT0 interrupt enable bit
INT1 interrupt enable bit
Key-on wake up interrupt enable bit
Capture interrupt enable bit
Compare interrupt enable bit
Timer A interrupt enable bit
0: Interrupts disabled
1: Interrupts enabled
Interrupt control register 2
(ICON2: address 003F16, initial value: 0016)
Timer 2 interrupt enable bit
A/D conversion interrupt enable bit
Timer 1 interrupt enable bit
Not used (returns “0” when read)
(Do not write “1” to this bit)
0: Interrupts disabled
1: Interrupts enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com