Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 30Page - Renesas Technology Corp HD6417618A Datasheet HTML 31Page - Renesas Technology Corp HD6417618A Datasheet HTML 32Page - Renesas Technology Corp HD6417618A Datasheet HTML 33Page - Renesas Technology Corp HD6417618A Datasheet HTML 34Page - Renesas Technology Corp HD6417618A Datasheet HTML 35Page - Renesas Technology Corp HD6417618A Datasheet HTML 36Page - Renesas Technology Corp HD6417618A Datasheet HTML 37Page - Renesas Technology Corp HD6417618A Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 646 page
background image
Section 1 Overview
Rev. 6.00 Jun. 12, 2007 Page 2 of 610
REJ09B0131-0600
1.1
Features
The features of this LSI are shown below.
CPU:
• Central processing unit with an internal 32-bit RISC (Reduced Instruction Set Computer)
architecture
• Instruction length: 16-bit fixed length for improved code efficiency
• Load-store architecture (basic operations are executed between registers)
• Sixteen 32-bit general registers
• Five-stage pipeline
• On-chip multiplier: Multiplication operations (32 bits × 32 bits → 64 bits) executed in two to
five cycles
• C language-oriented 62 basic instructions
Note:
Some specifications on the slot illegal instruction differ from the conventional SH2 core.
For details, see section 5.8, Usage Notes, in section 5, Exception Handling.
User break controller (UBC):
• Address, data value, access type, and data size are available for setting as break conditions
• Supports the sequential break function
• Two break channels
U memory:
• 4 kbytes
Cache memory:
• Unified cache, mixture of instructions and data
• 4-way set associative type
• Selection of write-back or write-through mode
• 4 kbytes (SH7618), 16kbytes (SH7618A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com