Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 36Page - Renesas Technology Corp HD6417618A Datasheet HTML 37Page - Renesas Technology Corp HD6417618A Datasheet HTML 38Page - Renesas Technology Corp HD6417618A Datasheet HTML 39Page - Renesas Technology Corp HD6417618A Datasheet HTML 40Page - Renesas Technology Corp HD6417618A Datasheet HTML 41Page - Renesas Technology Corp HD6417618A Datasheet HTML 42Page - Renesas Technology Corp HD6417618A Datasheet HTML 43Page - Renesas Technology Corp HD6417618A Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 646 page
background image
Section 1 Overview
Rev. 6.00 Jun. 12, 2007 Page 8 of 610
REJ09B0131-0600
1.4
Pin Functions
Table 1.1
Pin Functions
Classifi-
cation
Abbr.
I/O
Pin Name
Description
Power
supply
Vcc
Input
Power Supply
Power supply for the internal logic of this LSI. All the Vcc
pins must be connected to the system power supply. This
LSI does not operate correctly if there is a pin left open.
Vss
Input
Ground
Ground pins. All the Vss pins must be connected to the
system power supply (0 V). This LSI does not operate
correctly if there is a pin left open.
VccQ
Input
Power Supply
Power supply for input/output pins. All the VccQ pins must
be connected to the system power supply. This LSI does not
operate correctly if there is a pin left open.
VssQ
Input
Ground
Ground pins. All the VssQ pins must be connected to the
system power supply (0 V). This LSI does not operate
correctly if there is a pin left open.
Clock
Vcc (PLL1)
Input
Power Supply
for PLL1
Power supply pin for the on-chip PLL1 oscillator
Vss (PLL1)
Input
Ground for
PLL1
Ground pin for the on-chip PLL1 oscillator
Vcc (PLL2)
Input
Power Supply
for PLL2
Power supply pin for the on-chip PLL2 oscillator
Vss (PLL2)
Input
Ground for
PLL2
Ground pin for the on-chip PLL2 oscillator
EXTAL
Input
External Clock Connects to a crystal resonator. An external clock is also
input on this pin. For details on connection of an external
clock, see section 8, Clock Pulse Generator (CPG).
XTAL
Output Crystal
Connects to a crystal resonator.
CKIO
Output System Clock
Supplies the system clock to external devices.
CK_PHY
Output PHY Clock
Supplies the clock for external IEEE802.3-PHY.
Operating
mode
control
MD5,
MD3 to MD0
Input
Mode Setting
Sets operating mode. The signal levels of these pins must
not be changed during operation.
Pins MD2 to MD0 are used for setting clock mode, pin MD3
is for setting bus width mode for area 0, and pin MD5 is for
setting endian.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com