| Electronic Components Datasheet Search |
|
HD6417618A Datasheet(PDF) 44 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618A Datasheet(HTML) 44 Page - Renesas Technology Corp |
|
44 / 646 page ![]() Section 1 Overview Rev. 6.00 Jun. 12, 2007 Page 12 of 610 REJ09B0131-0600 Classifi- cation Abbr. I/O Pin Name Description TCK Input Test Clock Test clock input pin TMS Input Test Mode Select Input pin for test mode select signal User debugging interface (H-UDI) TDI Input Test Data Input Serial input pin for an instruction and data TDO Output Test Data Output Serial output pin for an instruction and data TRST Input Test Reset Input pin for initialization I/O port PA25 to PA16 Input/ output General port Pins for 10-bit general input/output port PB13 to PB00 Input/ output General port Pins for 14-bit general input/output port PC20 to PC00 Input/ output General port Pins for 21-bit general input/output port PD07 to PD00 Input/ output General port Pins for 8-bit general input/output port PE24 to PE00 Input/ output General port Pins for 25-bit general input/output port Emulator interface ASEMD Input ASE Mode Specifies ASE mode. This LSI enters ASE mode when this signal goes low and normal mode when this pin goes high. In ASE mode, functions for the emulator are available. Test Mode TESTMD Input Test Mode Specifies test mode. This LSI enters test mode when this signal goes low. Fix this signal high. TESTOUT Output Test Output Output pin for testing. This pin should be open. Note: * Magic Packet TM is the trademark of Advanced Micro Devices, Inc. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |