Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 32Page - Renesas Technology Corp HD6417618A Datasheet HTML 33Page - Renesas Technology Corp HD6417618A Datasheet HTML 34Page - Renesas Technology Corp HD6417618A Datasheet HTML 35Page - Renesas Technology Corp HD6417618A Datasheet HTML 36Page - Renesas Technology Corp HD6417618A Datasheet HTML 37Page - Renesas Technology Corp HD6417618A Datasheet HTML 38Page - Renesas Technology Corp HD6417618A Datasheet HTML 39Page - Renesas Technology Corp HD6417618A Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 646 page
background image
Section 1 Overview
Rev. 6.00 Jun. 12, 2007 Page 4 of 610
REJ09B0131-0600
 Peripheral clock: 50 MHz (max.)
• Supports power-down modes:
 Sleep mode
 Software standby mode
• Selection of four types of clock modes (PLL2 ×2/×4 and clock/crystal resonator are selectable)
Ethernet controller (EtherC):
• MAC (Media Access Control) function
 Data frame assembly/disassembly (frame format conforming to IEEE802.3u)
 CSMA/CD link management (collision prevention and collision processing)
 CRC processing
 On-chip FIFOs (256 bytes (SH7618) and 512 bytes (SH7618A), each for transmit/receive
operation)
 Full-duplex transmit/receive support
 Short frame/long frame detectable
• Conforms to the MII (Media Independent Interface) standard
 Conversion from 8-bit stream data in MAC layer to MII nibble (4-bit) stream
 Station management (STA function)
 18 TTL-level signals
 10/100 Mbps transfer rate adjustable
• Magic PacketTM* (WOL (Wake-On-LAN) output)
Ethernet controller DMAC (EDMAC):
• CPU load reduced with the descriptor management method
• For transferring from EtherC receive FIFO to receive buffer × 1 channel
• For transferring from transmit buffer to EtherC transmit FIFO × 1 channel
• 16-byte burst transfer improves the efficiency of system bus
• Supports single frame and multiple buffer
Host interface (HIF):
• 1 kbyte × 2 banks: in total 2-kbyte buffer RAM
• The buffer RAM and the external device are connected in parallel via 16 data pins
• The buffer RAM and the CPU of this LSI are connected in parallel via internal bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com