Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 47Page - Renesas Technology Corp HD6417618A Datasheet HTML 48Page - Renesas Technology Corp HD6417618A Datasheet HTML 49Page - Renesas Technology Corp HD6417618A Datasheet HTML 50Page - Renesas Technology Corp HD6417618A Datasheet HTML 51Page - Renesas Technology Corp HD6417618A Datasheet HTML 52Page - Renesas Technology Corp HD6417618A Datasheet HTML 53Page - Renesas Technology Corp HD6417618A Datasheet HTML 54Page - Renesas Technology Corp HD6417618A Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 646 page
background image
Section 2 CPU
CPUS200C_000020020700
Rev. 6.00 Jun. 12, 2007 Page 19 of 610
REJ09B0131-0600
Section 2 CPU
2.1
Features
• General registers: 32-bit register × 16
• Basic instructions: 62
• Addressing modes: 11
Register direct (Rn)
Register indirect (@Rn)
Post-increment register indirect (@Rn
+)
Pre-decrement register indirect (@-Rn)
Register indirect with displacement (@disp:4, Rn)
Index register indirect (@R0, Rn)
GBR indirect with displacement (@disp:8, GBR)
Index GBR indirect (@R0, GBR)
PC relative with displacement (@disp:8, PC)
PC relative (disp:8/disp:12/Rn)
Immediate (#imm:8)
2.2
Register Configuration
There are three types of registers: general registers (32-bit
× 16), control registers (32-bit × 3), and
system registers (32-bit
× 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com