Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 84Page - Renesas Technology Corp HD6417618A Datasheet HTML 85Page - Renesas Technology Corp HD6417618A Datasheet HTML 86Page - Renesas Technology Corp HD6417618A Datasheet HTML 87Page - Renesas Technology Corp HD6417618A Datasheet HTML 88Page - Renesas Technology Corp HD6417618A Datasheet HTML 89Page - Renesas Technology Corp HD6417618A Datasheet HTML 90Page - Renesas Technology Corp HD6417618A Datasheet HTML 91Page - Renesas Technology Corp HD6417618A Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 646 page
background image
Section 3 Cache
Rev. 6.00 Jun. 12, 2007 Page 56 of 610
REJ09B0131-0600
3.3.2
Read Access
Read Hit: In a read access, instructions and data are transferred from the cache to the CPU. The
LRU bits are updated so that they point to the most recently hit way.
Read Miss: An external bus cycle starts and the entry is updated. The way to be replaced is shown
in table 3.1. Data is updated in units of 16 bytes by updating the entry. When the desired
instruction or data is loaded from external memory to the cache, the instruction or data is
transferred to the CPU in parallel. When it is loaded to the cache, the U bit is cleared to 0, the V
bit is set to 1, the LRU bits are updated so that they point to the most recently hit way. When the U
bit of the entry which is to be replaced by entry updating in write-back mode is 1, the cache-
update cycle starts after the entry is transferred to the write-back buffer. After the cache completes
its update cycle, the write-back buffer writes the entry back to the memory. Transfer is in 16-byte
units.
3.3.3
Write Access
Write Hit: In a write access in write-back mode, the data is written to the cache and no external
memory write cycle is generated. The U bit of the entry that has been written to is set to 1, and the
LRU bits are updated to indicate that the hit way is the most recently hit way. In write-through
mode, the data is written to the cache and an external memory write cycle is generated. The U bit
of the entry that has been written to is not updated, and the LRU bits are updated to indicate that
the hit way is the most recently hit way.
Write Miss: In write-back mode, an external write cycle starts when a write miss occurs, and the
entry is updated. The way to be replaced is shown in table 3.1. When the U bit of the entry which
is to be replaced by entry updating is 1, the cache-update cycle starts after the entry has been
transferred to the write-back buffer. Data is written to the cache and the U bit and the V bit are set
to 1. The LRU bits are updated to indicate that the replaced way is the most recently updated way.
After the cache has completed its update cycle, the write-back buffer writes the entry back to the
memory. Transfer is in 16-byte units. In write-through mode, no write to cache occurs in a write
miss; the write is only to the external memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com