Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 87Page - Renesas Technology Corp HD6417618A Datasheet HTML 88Page - Renesas Technology Corp HD6417618A Datasheet HTML 89Page - Renesas Technology Corp HD6417618A Datasheet HTML 90Page - Renesas Technology Corp HD6417618A Datasheet HTML 91Page - Renesas Technology Corp HD6417618A Datasheet HTML 92Page - Renesas Technology Corp HD6417618A Datasheet HTML 93Page - Renesas Technology Corp HD6417618A Datasheet HTML 94Page - Renesas Technology Corp HD6417618A Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 646 page
background image
Section 3 Cache
Rev. 6.00 Jun. 12, 2007 Page 59 of 610
REJ09B0131-0600
used to invalidate a specific entry in the cache. When the U bit of the entry that has had a hit is 1 at
this time, writing back should be performed. However, when 0 is written to the V bit, 0 must also
be written to the U bit of that entry.
3.4.2
Data Array
The data array is allocated to H'F1000000 to H'F1FFFFFF. To access a data array, the 32-bit
address field (for read/write accesses) and 32-bit data field (for write accesses) must be specified.
The address field specifies information for selecting the entry to be accessed; the data field
specifies the longword data to be written to the data array.
In the address field, specify the entry address for selecting the entry, L for indicating the longword
position within the (16-byte) line, W for selecting the way, and H'F1 for indicating data array
access. As for L, 00 indicates longword 0, 01 indicates longword 1, 10 indicates longword 2,
and 11 indicates longword 3. As for W, 00 indicates way 0, 01 indicates way 1, 10 indicates
way 2, and 11 indicates way 3.
Since access size of the data array is fixed at longword, bits 1 and 0 of the address field should be
set to 00.
Figure 3.4 shows the address and data formats.
The following two operations on the data array are available. The information in the address array
is not affected by these operations.
Data-Array Read: Read the data specified by L of the address field, from the entry that
corresponds to the entry address and the way that is specified by the address field.
Data-Array Write: Write the longword data specified by the data field, to the position specified
by L of the address field, in the entry that corresponds to the entry address and the way specified
by the address field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com