Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 52Page - Renesas Technology Corp HD6417618A Datasheet HTML 53Page - Renesas Technology Corp HD6417618A Datasheet HTML 54Page - Renesas Technology Corp HD6417618A Datasheet HTML 55Page - Renesas Technology Corp HD6417618A Datasheet HTML 56Page - Renesas Technology Corp HD6417618A Datasheet HTML 57Page - Renesas Technology Corp HD6417618A Datasheet HTML 58Page - Renesas Technology Corp HD6417618A Datasheet HTML 59Page - Renesas Technology Corp HD6417618A Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 646 page
background image
Section 2 CPU
Rev. 6.00 Jun. 12, 2007 Page 24 of 610
REJ09B0131-0600
2.3
Data Formats
2.3.1
Register Data Format
The size of register operands is always longwords (32 bits). When loading byte (8 bits) or word
(16 bits) data in memory into a register, the data is sign-extended to longword and stored in the
register.
Longword
31
0
Figure 2.2 Register Data Format
2.3.2
Memory Data Formats
Memory data formats are classified into byte, word, and longword.
Byte data can be accessed from any address. If word data starting from boundary other than 2n or
longword data starting from a boundary other than 4n is accessed, an address error will occur. In
such cases, the data accessed cannot be guaranteed. See figure 2.3.
Byte 0
Byte 1
Byte 2
Byte 3
Word 0
Word 1
Longword
Big endian
31
23
15
7
Address A + 1
Address A + 4
Address A + 8
Address A
Address A
Address A + 3
Address A + 2
0
Byte 3
Byte 2
Byte 1
Byte 0
Word 1
Word 0
Longword
Little endian
31
23
15
7
Address A + 10
Address A + 4
Address A + 8
Address A + 11
Address A
Address A + 8
Address A + 9
0
Figure 2.3 Memory Data Format
Either big endian and little endian formats can be selected according to the mode pin setting at a
reset. For details on mode pin settings, see section 7, Bus State Controller (BSC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com