Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 31Page - Renesas Technology Corp HD6417618A Datasheet HTML 32Page - Renesas Technology Corp HD6417618A Datasheet HTML 33Page - Renesas Technology Corp HD6417618A Datasheet HTML 34Page - Renesas Technology Corp HD6417618A Datasheet HTML 35Page - Renesas Technology Corp HD6417618A Datasheet HTML 36Page - Renesas Technology Corp HD6417618A Datasheet HTML 37Page - Renesas Technology Corp HD6417618A Datasheet HTML 38Page - Renesas Technology Corp HD6417618A Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 646 page
background image
Section 1 Overview
Rev. 6.00 Jun. 12, 2007 Page 3 of 610
REJ09B0131-0600
Bus state controller (BSC):
• Address space is divided into five areas: three areas 0, 3, and 4; each a maximum of 64
Mbytes, and two areas 5B and 6B; each a maximum of 32 Mbytes (address map 1 mode).
• Address space is divided into five areas, 0, 3, 4, 5, and 6; each a maximum of 64 Mbytes
(address map 2 mode).
• 16-bit external bus
• The following features are settable for each area.
 Bus size (8 or 16 bits)
 Number of access wait cycles
 Setting of idle wait cycles
 Specifying the memory to be connected to each area enables direct connection to SRAM,
SDRAM, and PCMCIA.
 Outputs chip select signals (CS0, CS3, CS4, CS5B, and CS6B) for corresponding area
• SDRAM refresh function
 Supports auto-refresh and self-refresh modes
• SDRAM burst access function
• PCMCIA access function
 Conforms to the JEIDA Ver. 4.2 standard, two slots
• Selection of big or little endian mode (The mode of all the areas is switched collectively by a
mode pin.)
Interrupt controller (INTC):
• Supports nine external interrupt pins (NMI, IRQ7 to IRQ0)
• On-chip peripheral interrupt: Priority level is independently selected for each module
• Vector address: Specified vector address for each interrupt source
User debugging interface (H-UDI):
• Supports the JTAG interface emulator
• JTAG standard pins arranged
Clock pulse generator (CPG):
• Clock mode: Clock source selectable between an external supply and crystal resonator
• Three types of clocks generated:
 CPU clock: 100 MHz (max.)
 Bus clock: 50 MHz (max.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com