| Electronic Components Datasheet Search |
|
HD6417618A Datasheet(PDF) 41 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618A Datasheet(HTML) 41 Page - Renesas Technology Corp |
|
41 / 646 page ![]() Section 1 Overview Rev. 6.00 Jun. 12, 2007 Page 9 of 610 REJ09B0131-0600 Classifi- cation Abbr. I/O Pin Name Description System control RES Input Power-On Reset This LSI enters the reset state when this signal goes low. Interrupt NMI Input Non-Maskable Interrupt Non-maskable interrupt request signal. When this pin is not in use, this signal must be fixed high. IRQ7 to IRQ0 Input Interrupt Request 7 to 0 Maskable interrupt request pins. Level-input or edge-input detection can be selected. When the edge-input detection is selected, the rising or falling edge can also be selected. Address bus A25 to A0 Output Address Bus Outputs addresses. Data bus D15 to D0 Input/ output Data Bus 16-bit bidirectional bus Bus control CS0, CS3, CS4, CS5B, CS6B Output Chip Select 0, 3, 4, 5B, 6B Chip select signals for external memory and devices. RD Output Read Indicates that data is read from an external device. RD/ WR Output Read/Write Read/write signal BS Output Bus Cycle Start Indicates start of a bus cycle. WE1 Output Upper Side Write Indicates that bits 15 to 8 of data of external memory or devices are written to. WE0 Output Lower Side Write Indicates that bits 7 to 0 of data of external memory or devices are written to. WAIT Input Wait Input pin used to insert wait cycles when accessing the external space RAS Output RAS Connects to the RAS pin of SDRAM. CAS Output CAS Connects to the CAS pin of SDRAM. CKE Output Clock Enable Connects to the CKE pin of SDRAM. DQMLU Output Upper Side Select Selects bits 15 to 8 of SDRAM data bus. DQMLL Output Lower Side Select Selects bits 7 to 0 of SDRAM data bus. CE1A Output PCMCIA Card Select Lower Side Chip enable for PCMCIA allocated to area 5 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |