Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 76Page - Renesas Technology Corp HD6417618A Datasheet HTML 77Page - Renesas Technology Corp HD6417618A Datasheet HTML 78Page - Renesas Technology Corp HD6417618A Datasheet HTML 79Page - Renesas Technology Corp HD6417618A Datasheet HTML 80Page - Renesas Technology Corp HD6417618A Datasheet HTML 81Page - Renesas Technology Corp HD6417618A Datasheet HTML 82Page - Renesas Technology Corp HD6417618A Datasheet HTML 83Page - Renesas Technology Corp HD6417618A Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 646 page
background image
Section 2 CPU
Rev. 6.00 Jun. 12, 2007 Page 48 of 610
REJ09B0131-0600
• Reset state
The CPU is reset. When the
RES pin is driven low, the CPU enters the power-on reset state.
When the
RES pin is high and MRES pin is low, the CPU enters the manual reset state.
• Exception handling state
This state is a transitional state in which the CPU processing state changes due to a request for
exception handling such as a reset or an interrupt.
When a reset occurs, the execution start address as the initial value of the program counter
(PC) and the initial value of the stack pointer (SP) are fetched from the exception handling
vector table. Then, a branch is made for the start address to execute a program.
When an interrupt occurs, the PC and status register (SR) are saved in the stack area pointed to
by SP. The start address of an exception handling routine is fetched from the exception
handling vector table and a branch to the address is made to execute a program.
Then the processing state enters the program execution state.
• Program execution state
The CPU executes programs sequentially.
• Power-down state
The CPU stops to reduce power consumption. The SLEEP instruction makes the CPU enter
sleep mode or software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com