Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 78Page - Renesas Technology Corp HD6417618A Datasheet HTML 79Page - Renesas Technology Corp HD6417618A Datasheet HTML 80Page - Renesas Technology Corp HD6417618A Datasheet HTML 81Page - Renesas Technology Corp HD6417618A Datasheet HTML 82Page - Renesas Technology Corp HD6417618A Datasheet HTML 83Page - Renesas Technology Corp HD6417618A Datasheet HTML 84Page - Renesas Technology Corp HD6417618A Datasheet HTML 85Page - Renesas Technology Corp HD6417618A Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 646 page
background image
Section 3 Cache
Rev. 6.00 Jun. 12, 2007 Page 50 of 610
REJ09B0131-0600
Address Array: The V bit indicates whether or not the entry data is valid. When the V bit is 1,
data is valid; when 0, data is not valid. The U bit indicates whether or not the entry has been
written to in write-back mode. When the U bit is 1, the entry has been written to; when 0, it has
not. The tag address is composed of 22 bits (address bits 31 to 10) used for comparison during
cache searches.
In this LSI, the upper three bits of 32 address bits are used as shadow bits (see section 7, Bus State
Controller (BSC)), therefore, the upper three bits of the tag address are cleared to 0.
The V and U bits are initialized to 0 by a power-on reset. The tag address is not initialized by a
power-on reset.
Data Array: Holds 16-byte instruction and data. Entries are registered in the cache in line units
(16 bytes). The data array is not initialized by a power-on reset.
LRU: With the 4-way set associative system, up to four instructions or data with the same entry
address can be registered in the cache. When an entry is registered, LRU shows which of the four
ways it is registered in. There are six LRU bits, controlled by hardware. The least-recently-used
(LRU) algorithm is used to select the way.
When a cache miss occurs, six LRU bits indicate the way to be replaced. If a bit pattern other than
those listed in table 3.1 is set in the LRU bits by software, the cache will not function correctly.
When changing the LRU bits by software, set one of the patterns listed in table 3.1.
The LRU bits are initialized to 000000 by a power-on reset.
Table 3.1
LRU and Way to be Replaced
LRU (Bits 5 to 0)
Way to be Replaced
000000, 000100, 010100, 100000, 110000, 110100
3
000001, 000011, 001011, 100001, 101001, 101011
2
000110, 000111, 001111, 010110, 011110, 011111
1
111000, 111001, 111011, 111100, 111110, 111111
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com