Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 341 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 341 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 337Page - Renesas Technology Corp HD6417618A Datasheet HTML 338Page - Renesas Technology Corp HD6417618A Datasheet HTML 339Page - Renesas Technology Corp HD6417618A Datasheet HTML 340Page - Renesas Technology Corp HD6417618A Datasheet HTML 341Page - Renesas Technology Corp HD6417618A Datasheet HTML 342Page - Renesas Technology Corp HD6417618A Datasheet HTML 343Page - Renesas Technology Corp HD6417618A Datasheet HTML 344Page - Renesas Technology Corp HD6417618A Datasheet HTML 345Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 646 page
background image
Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 6.00 Jun. 12, 2007 Page 309 of 610
REJ09B0131-0600
(a) Processing transmission without handling of the frame transmission complete (TC)
interrupt
1. Make initial settings for the timer.
2. Prepare multiple transmit descriptors so that multiple frames can be transmitted.
3. After setting the transmit descriptors, start transmission by setting bit 0 (TR) in the E-DMAC
transmit request register (EDTRR).
4. Before setting the next frame for transmission in the transmit descriptor (when a transmission
task arises), check the TACT bit in the corresponding transmit descriptor.
5. If the TACT bit is clear, set the frame for transmission in the corresponding transmit descriptor
and start transmission by setting the TR bit in EDTRR. If the TACT bit is set to 1, set counter i
to 0 (counter i is the variable that indicates the number of repetitions of the timer operation to
measure the specified constant period).
6. Start counting by the timer.
7. When the specified constant period has elapsed, stop the timer counter and check the TACT bit
in the corresponding transmit descriptor.
8. If the TACT bit is clear, set the frame for transmission in the corresponding transmit descriptor
and set the TR bit in EDTRR to start transmission. If the TACT bit is set to 1, increment
counter i.
9. While the TACT bit is found to be 1 in step 8 and the value of counter i is less than n, repeat
steps 6 to 8 until the maximum specified time is reached (the maximum specified time should
be set with reference to the maximum times in consideration of retry processing given in table
12.2, and from this maximum specified time, determine n, the number of repetitions of the
specified constant period; n is determined by the user with reference to table 12.2).
If counter i reaches or exceeds n, the maximum specified time has elapsed and we can judge
that the E-DMAC has stopped due to a transmit underflow. Initialize the EtherC and E-DMAC
modules by setting the software-reset bit SWR in the E-DMAC mode register (EDMR). After
re-making initial settings for the Ethernet module, initialize the transmit/receive descriptors
and transmit/receive buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com