Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 346 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 346 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 342Page - Renesas Technology Corp HD6417618A Datasheet HTML 343Page - Renesas Technology Corp HD6417618A Datasheet HTML 344Page - Renesas Technology Corp HD6417618A Datasheet HTML 345Page - Renesas Technology Corp HD6417618A Datasheet HTML 346Page - Renesas Technology Corp HD6417618A Datasheet HTML 347Page - Renesas Technology Corp HD6417618A Datasheet HTML 348Page - Renesas Technology Corp HD6417618A Datasheet HTML 349Page - Renesas Technology Corp HD6417618A Datasheet HTML 350Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 646 page
background image
Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 6.00 Jun. 12, 2007 Page 314 of 610
REJ09B0131-0600
Table 12.2
Reference Values for Maximum Specified Time
Communication Rate
10 Mbps
100 Mbps
Full-duplex with no flow
control
1.3 ms or longer
130
µs or longer
Half-duplex with no flow
control
183 ms or longer (max.
366 ms)
18.3 ms or longer (max.
36.6 ms)
Maximum
specified time
With flow control
336 ms or longer
33.6 ms or longer
Note:
The maximum specified time refers to the maximum time taken to transmit a single frame or
the maximum time for flow control for a single frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com