| Electronic Components Datasheet Search |
|
HD6417618A Datasheet(PDF) 409 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618A Datasheet(HTML) 409 Page - Renesas Technology Corp |
|
409 / 646 page ![]() Section 14 Serial Communication Interface with FIFO (SCIF) Rev. 6.00 Jun. 12, 2007 Page 377 of 610 REJ09B0131-0600 Start of initialization Clear TE and RE bits in SCSCR to 0 Set TFRST and RFRST bits in SCFCR to 1 to clear the FIFO buffer After reading BRK, DR, and ER flags in SCFSR and a flag in SCLSR, write 0 to clear them Set CKE1 and CKE0 bits in SCSCR (leaving TE, RE, TIE, and RIE bits cleared to 0) Set data transfer format in SCSMR Set value in SCBRR 1-bit interval elapsed? Set RTRG1-0 and TTRG1-0 bits in SCFCR, and clear TFRST and RFRST bits to 0 Set TE and RE bits in SCSCR to 1, and set TIE, RIE, and REIE bits End of initialization Wait No Yes Leave the TE and RE bits cleared to 0 until the initialization almost ends. Be sure to clear the TIE, RIE, TE, and RE bits to 0. Set the CKE1 and CKE0 bits. Set the data transfer format in SCSMR. Write a value corresponding to the bit rate into SCBRR. This is not necessary if an external clock is used. Wait at least one bit interval after this write before moving to the next step. Set the TE or RE bit in SCSCR to 1. Also set the TEI, RIE, and REIE bits to enable the TxD, RxD, and SCK pins to be used. When transmitting, the TxD pin will go to the mark state. When receiving in clocked synchronous mode with the synchronization clock output (clock master) selected, a clock starts to be output from the SCIF_CLK pin at this point. [1] [1] [2] [3] [4] [5] [2] [3] [4] [5] Figure 14.12 Sample Flowchart for SCIF Initialization |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |