| Electronic Components Datasheet Search |
|
HD6417618A Datasheet(PDF) 414 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618A Datasheet(HTML) 414 Page - Renesas Technology Corp |
|
414 / 646 page ![]() Section 14 Serial Communication Interface with FIFO (SCIF) Rev. 6.00 Jun. 12, 2007 Page 382 of 610 REJ09B0131-0600 Transmitting and Receiving Serial Data Simultaneously (Synchronous Mode): Figure 14.18 shows a sample flowchart for transmitting and receiving serial data simultaneously. Start of transmission and reception Initialization Read TDFE flag in SCFSR TDFE = 1? Write transmit data to SCFTDR Read TDFE and TEND flags in SCFSR while they are 1, then clear them to 0 Read ORER flag in SCLSR ORER = 1? Read RDF flag in SCFSR RDF = 1? Clear TE and RE bits in SCSCR to 0 End of transmission and reception Read receive data in SCFRDR, and clear RDF flag in SCFSR to 0 All data received? No No Yes No No Yes Yes [1] SCIF status check and transmit data write: Read SCFSR and check that the TDFE flag is set to 1, then write transmit data to SCFTDR. Read the TDFE and TEND flags while they are 1, then clear them to 0. The transition of the TDFE flag from 0 to 1 can also be identified by a TXI interrupt. [2] Receive error handling: Read the ORER flag in SCLSR to identify any error, perform the appropriate error handling, then clear the ORER flag to 0. Reception cannot be resumed while the ORER flag is set to 1. [3] SCIF status check and receive data read: Read SCFSR and check that RDF = 1, then read the receive data in SCFRDR, and clear the RDF flag to 0. The transition of the RDF flag from 0 to 1 can also be identified by an RXI interrupt. [4] Serial transmission and reception continuation procedure: To continue serial transmission and reception, read 1 from the RDF flag and the receive data in SCFRDR, and clear the RDF flag to 0 before receiving the MSB in the current frame. Similarly, read 1 from the TDFE flag to confirm that writing is possible before transmitting the MSB in the current frame. Then write data to SCFTDR and clear the TDFE flag to 0. [1] Yes Error handling [4] When switching from a transmit operation or receive operation to simultaneous transmission and reception operations, clear the TE and RE bits to 0, and then set them simultaneously to 1. Note: [3] [2] Figure 14.18 Sample Flowchart for Transmitting/Receiving Serial Data |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |