Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 478 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 478 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 474Page - Renesas Technology Corp HD6417618A Datasheet HTML 475Page - Renesas Technology Corp HD6417618A Datasheet HTML 476Page - Renesas Technology Corp HD6417618A Datasheet HTML 477Page - Renesas Technology Corp HD6417618A Datasheet HTML 478Page - Renesas Technology Corp HD6417618A Datasheet HTML 479Page - Renesas Technology Corp HD6417618A Datasheet HTML 480Page - Renesas Technology Corp HD6417618A Datasheet HTML 481Page - Renesas Technology Corp HD6417618A Datasheet HTML 482Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 478 / 646 page
background image
Section 16 Pin Function Controller (PFC)
Rev. 6.00 Jun. 12, 2007 Page 446 of 610
REJ09B0131-0600
Setting a bit in PDIORL to 1 makes the corresponding pin function as an output and clearing a bit
in PDIORL to 0 makes the pin function as an input.
Bits 15 to 8 in PDIORL are reserved. These bits are always read as 0. The write value should
always be 0.
The initial value of PDIORL is H'0000.
16.1.8
Port D Control Register L2 (PDCRL2)
PDCRL2 is a 16-bit readable/writable register that selects the pin functions for the multiplexed
port B pins.
• PDCRL2
Bit
Bit Name
Initial
Value
R/W
Description
15
14
PD7MD1
PD7MD0
0
0
R/W
R/W
PD7 Mode
Selects the function of pin PD7/IRQ7/SCK2.
00: PD7 input/output (port)
01: IRQ7 input (INTC)
10: SCK2 input/output (SCIF)
11: Setting prohibited
13
12
PD6MD1
PD6MD0
0
0
R/W
R/W
PD6 Mode
Selects the function of pin PD6/IRQ6/RxD2.
00: PD6 input/output (port)
01: IRQ6 input (INTC)
10: RxD2 input (SCIF)
11: Setting prohibited
11
10
PD5MD1
PD5MD0
0
0
R/W
R/W
PD5 Mode
Selects the function of pin PD5/IRQ5/TxD2.
00: PD5 input/output (port)
01: IRQ5 input (INTC)
10: TxD2 output (SCIF)
11: Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com