Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 500 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 500 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 496Page - Renesas Technology Corp HD6417618A Datasheet HTML 497Page - Renesas Technology Corp HD6417618A Datasheet HTML 498Page - Renesas Technology Corp HD6417618A Datasheet HTML 499Page - Renesas Technology Corp HD6417618A Datasheet HTML 500Page - Renesas Technology Corp HD6417618A Datasheet HTML 501Page - Renesas Technology Corp HD6417618A Datasheet HTML 502Page - Renesas Technology Corp HD6417618A Datasheet HTML 503Page - Renesas Technology Corp HD6417618A Datasheet HTML 504Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 500 / 646 page
background image
Section 17 I/O Ports
Rev. 6.00 Jun. 12, 2007 Page 468 of 610
REJ09B0131-0600
• PEDRL
Bit
Bit Name
Initial
Value
R/W
Description
15
PE15DR
0
R/W
See table 17.5.
14
PE14DR
0
R/W
13
PE13DR
0
R/W
12
PE12DR
0
R/W
11
PE11DR
0
R/W
10
PE10DR
0
R/W
9
PE9DR
0
R/W
8
PE8DR
0
R/W
7
PE7DR
0
R/W
6
PE6DR
0
R/W
5
PE5DR
0
R/W
4
PE4DR
0
R/W
3
PE3DR
0
R/W
2
PE2DR
0
R/W
1
PE1DR
0
R/W
0
PE0DR
0
R/W
Table 17.5
Port E Data Registers H, L (PEDRH, PEDRL) Read/Write Operation
• Bits 8 to 0 in PEDRH and Bits 15 to 0 in PEDRL
Pin Function
PBIORL
Read
Write
General input
0
Pin state
Data can be written to PEDRH or PEDRL but no
effect on the pin state.
General output
1
PEDRH or
PEDRL value
Written value is output from the pin.
Other functions
*
PEDRH or
PEDRL value
Data can be written to PEDRH or PEDRL but no
effect on the pin state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com