Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 506 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 506 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 502Page - Renesas Technology Corp HD6417618A Datasheet HTML 503Page - Renesas Technology Corp HD6417618A Datasheet HTML 504Page - Renesas Technology Corp HD6417618A Datasheet HTML 505Page - Renesas Technology Corp HD6417618A Datasheet HTML 506Page - Renesas Technology Corp HD6417618A Datasheet HTML 507Page - Renesas Technology Corp HD6417618A Datasheet HTML 508Page - Renesas Technology Corp HD6417618A Datasheet HTML 509Page - Renesas Technology Corp HD6417618A Datasheet HTML 510Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 506 / 646 page
background image
Section 18 User Break Controller (UBC)
Rev. 6.00 Jun. 12, 2007 Page 474 of 610
REJ09B0131-0600
18.2.2
Break Address Mask Register A (BAMRA)
BAMRA is a 32-bit readable/writable register. BAMRA specifies bits masked in the break address
specified by BARA.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
BAMA31 to
BAMA 0
All 0
R/W
Break Address Mask A
Specify bits masked in the channel A break address
bits specified by BARA (BAA31 to BAA0).
0: Break address bit BAAn of channel A is included in
the break condition
1: Break address bit BAAn of channel A is masked and
is not included in the break condition
Note: n = 31 to 0
18.2.3
Break Bus Cycle Register A (BBRA)
Break bus cycle register A (BBRA) is a 16-bit readable/writable register, which specifies (1) L bus
cycle or I bus cycle, (2) instruction fetch or data access, (3) read or write, and (4) operand size in
the break conditions of channel A.
Bit
Bit Name
Initial
Value
R/W
Description
15 to 8
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
7
6
CDA1
CDA0
0
0
R/W
R/W
L Bus Cycle/I Bus Cycle Select A
Select the L bus cycle or I bus cycle as the bus cycle of the
channel A break condition.
00: Condition comparison is not performed
01: The break condition is the L bus cycle
10: The break condition is the I bus cycle
11: The break condition is the L bus cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com