Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 584 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 584 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 580Page - Renesas Technology Corp HD6417618A Datasheet HTML 581Page - Renesas Technology Corp HD6417618A Datasheet HTML 582Page - Renesas Technology Corp HD6417618A Datasheet HTML 583Page - Renesas Technology Corp HD6417618A Datasheet HTML 584Page - Renesas Technology Corp HD6417618A Datasheet HTML 585Page - Renesas Technology Corp HD6417618A Datasheet HTML 586Page - Renesas Technology Corp HD6417618A Datasheet HTML 587Page - Renesas Technology Corp HD6417618A Datasheet HTML 588Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 584 / 646 page
background image
Section 21 Electrical Characteristics
Rev. 6.00 Jun. 12, 2007 Page 552 of 610
REJ09B0131-0600
Item
Symbol
Min.
Max.
Unit
Reference Figures
Write data hold time 2
t
WDH2
2
ns
Figures 21.20 to 21.23
and 21.27 to 21.29
Write data hold time 3
t
WDH3
0
ns
Figures 21.10 to 21.13
WAIT setup time
t
WTS
1/2
× t
bcyc + 11
ns
Figures 21.12 to 21.15,
21.34, and 21.36
WAIT hold time
t
WTH
1/2
× t
bcyc + 10
ns
Figures 21.12 to 21.15,
21.34, and 21.36
RAS delay time
t
RASD
1
15
ns
Figures 21.16 to 21.27
and 21.29 to 21.32
CAS delay time
t
CASD
1
15
ns
Figures 21.16 to 21.32
DQM delay time
t
DQMD
1
15
ns
Figures 21.16 to 21.29
CKE delay time
t
CKED
14
ns
Figure 21.31
ICIORD delay time
t
ICRSD
1/2
× t
bcyc
1/2
× t
bcyc + 15
ns
Figures 21.35 and 21.36
ICIOWR delay time
t
ICWSD
1/2
× t
bcyc
1/2
× t
bcyc + 15
ns
Figures 21.35 and 21.36
IOIS16 setup time
t
IO16S
1/2
× t
bcyc + 11
ns
Figure 21.36
IOIS16 hold time
t
IO16H
1/2
× t
bcyc + 10
ns
Figure 21.36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com