Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 612 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 612 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 608Page - Renesas Technology Corp HD6417618A Datasheet HTML 609Page - Renesas Technology Corp HD6417618A Datasheet HTML 610Page - Renesas Technology Corp HD6417618A Datasheet HTML 611Page - Renesas Technology Corp HD6417618A Datasheet HTML 612Page - Renesas Technology Corp HD6417618A Datasheet HTML 613Page - Renesas Technology Corp HD6417618A Datasheet HTML 614Page - Renesas Technology Corp HD6417618A Datasheet HTML 615Page - Renesas Technology Corp HD6417618A Datasheet HTML 616Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 612 / 646 page
background image
Section 21 Electrical Characteristics
Rev. 6.00 Jun. 12, 2007 Page 580 of 610
REJ09B0131-0600
21.4.7
SCIF Timing
Table 21.10 SCIF Timing
Conditions: V
CCQ = 3.0 V to 3.6 V, VCC = 1.4 V to 1.6 V,
T
a = –20°C to +75°C (regular specifications),
T
a = –40°C to +85°C (wide-range specifications)
Item
Symbol Min. Max.
Unit
Reference Figures
Clocked
synchronous
12
t
pcyc
Figures 21.37 and
21.38
Input clock cycle
Asynchronous
t
Scyc
4
t
pcyc
Input clock rising time
t
SCKR
0.8
t
pcyc
Figure 21.37
Input clock falling time
t
SCKF
0.8
t
pcyc
Input clock pulse width
t
SCKW
0.4
0.6
t
Scyc
Transmit data delay time
t
TXD
3
× t
pcyc* + 50
ns
Figure 21.38
Receive data setup time
(clocked synchronous)
t
RXS
3
t
pcyc
Receive data hold time
(clocked synchronous)
t
RXH
3
t
pcyc
RTS delay time
t
RTSD
100
ns
CTS setup time
(clocked synchronous)
t
CTSS
100
ns
CTS hold time
(clocked synchronous)
t
CTSH
100
ns
Note:
*
t
pcyc indicates the period of the peripheral module clock (Pφ).
tSCKW
tSCKR
tSCKF
tScyc
SCK
Figure 21.37 SCK Input Clock Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com