Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 107Page - Renesas Technology Corp HD6417618A Datasheet HTML 108Page - Renesas Technology Corp HD6417618A Datasheet HTML 109Page - Renesas Technology Corp HD6417618A Datasheet HTML 110Page - Renesas Technology Corp HD6417618A Datasheet HTML 111Page - Renesas Technology Corp HD6417618A Datasheet HTML 112Page - Renesas Technology Corp HD6417618A Datasheet HTML 113Page - Renesas Technology Corp HD6417618A Datasheet HTML 114Page - Renesas Technology Corp HD6417618A Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 646 page
background image
Section 5 Exception Handling
Rev. 6.00 Jun. 12, 2007 Page 79 of 610
REJ09B0131-0600
5.8
Usage Notes
5.8.1
Value of Stack Pointer (SP)
The SP value must always be a multiple of 4. If it is not, an address error will occur when the
stack is accessed during exception handling.
5.8.2
Value of Vector Base Register (VBR)
The VBR value must always be a multiple of 4. If it is not, an address error will occur when the
stack is accessed during exception handling.
5.8.3
Address Errors Caused by Stacking for Address Error Exception Handling
When the SP value is not a multiple of 4, an address error will occur when stacking for exception
handling (interrupts, etc.) and address error exception handling will start after the first exception
handling is ended. Address errors will also occur in the stacking for this address error exception
handling. To ensure that address error exception handling does not go into an endless loop, no
address errors are accepted at that point. This allows program control to be passed to the handling
routine for address error exception and enables error processing.
When an address error occurs during exception handling stacking, the stacking bus cycle (write) is
executed. When stacking the SR and PC values, the SP values for both are subtracted by 4,
therefore, the SP value is still not a multiple of 4 after the stacking. The address value output
during stacking is the SP value whose lower two bits are cleared to 0. So the write data stacked is
undefined.
5.8.4
Notes on Slot Illegal Instruction Exception Handling
Some specifications on slot illegal instruction exception handling in this LSI differ from those on
the conventional SH2.
• Conventional SH2: Instructions LDC Rm,SR and LDC.L @Rm+,SR are not subject to the slot
illegal instructions.
• This LSI: Instructions LDC Rm,SR and LDC.L @Rm+,SR are subject to the slot illegal
instructions.
The supporting status on our software products regarding this note is as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com