Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 126Page - Renesas Technology Corp HD6417618A Datasheet HTML 127Page - Renesas Technology Corp HD6417618A Datasheet HTML 128Page - Renesas Technology Corp HD6417618A Datasheet HTML 129Page - Renesas Technology Corp HD6417618A Datasheet HTML 130Page - Renesas Technology Corp HD6417618A Datasheet HTML 131Page - Renesas Technology Corp HD6417618A Datasheet HTML 132Page - Renesas Technology Corp HD6417618A Datasheet HTML 133Page - Renesas Technology Corp HD6417618A Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 646 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 6.00 Jun. 12, 2007 Page 98 of 610
REJ09B0131-0600
6.5
Interrupt Exception Handling Vector Table
Table 6.2 lists interrupt sources, their vector numbers, vector table address offsets, and interrupt
priorities.
Individual interrupt sources are allocated to different vector numbers and vector table address
offsets. Vector table addresses are calculated from the vector numbers and vector table address
offsets. For interrupt exception handling, the start address of the exception handling routine is
fetched from the vector table address in the vector table. For the details on calculation of vector
table addresses, see table 5.4, Calculating Exception Handling Vector Table Addresses in
section 5, Exception Handling.
IRQ interrupts and on-chip peripheral module interrupt priorities can be set freely between 0
and 15 for each pin or module by setting interrupt priority registers A to E (IPRA to IPRE).
However, when interrupt sources whose priority levels are allocated with the same IPR are
requested, the interrupt of the smaller vector number has priority. This priority cannot be changed.
Priority levels of IRQ interrupts and on-chip peripheral module interrupts are initialized to level 0
at a power-on reset. If the same priority level is allocated to two or more interrupt sources and
interrupts from those sources occur simultaneously, they are processed by the default priority
order shown in table 6.2.
Table 6.2
Interrupt Exception Handling Vectors and Priorities
Interrupt
Source
Name
Vector
No.
Vector Table
Starting Address
IPR
Default
Priority
User break
12
H'00000030
High
External pin
NMI
11
H'0000002C
H-UDI
13
H'00000034
External pin
IRQ0
64
H'00000100
IPRA15 to IPRA12
IRQ1
65
H'00000104
IPRA11 to IPRA8
IRQ2
66
H'00000108
IPRA7 to IPRA4
IRQ3
67
H'0000010C
IPRA3 to IPRA0
IRQ4
80
H'00000140
IPRB15 to IPRB12
IRQ5
81
H'00000144
IPRB11 to IPRB8
IRQ6
82
H'00000148
IPRB7 to IPRB4
IRQ7
83
H'0000014C
IPRB3 to IPRB0
WDT
ITI
84
H'00000150
IPRC15 to IPRC12 Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com