Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 133Page - Renesas Technology Corp HD6417618A Datasheet HTML 134Page - Renesas Technology Corp HD6417618A Datasheet HTML 135Page - Renesas Technology Corp HD6417618A Datasheet HTML 136Page - Renesas Technology Corp HD6417618A Datasheet HTML 137Page - Renesas Technology Corp HD6417618A Datasheet HTML 138Page - Renesas Technology Corp HD6417618A Datasheet HTML 139Page - Renesas Technology Corp HD6417618A Datasheet HTML 140Page - Renesas Technology Corp HD6417618A Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 105 of 610
REJ09B0131-0600
Section 7 Bus State Controller (BSC)
The bus state controller (BSC) outputs control signals for various types of memory that is
connected to the external address space and external devices. The BSC functions enable this LSI
to connect directly with SRAM, SDRAM, and other memory storage devices, and external
devices.
7.1
Features
The BSC has the following features.
• External address space
 A maximum 32 or 64 Mbytes for each of the areas, CS0, CS3, CS4, CS5B, and CS6B,
totally 256 Mbytes (divided into five areas)
 A maximum 64 Mbytes for each of the six areas, CS0, CS3, CS4, CS5, and CS6, totally
320 Mbytes (divided into five areas)
 Can specify the normal space interface, byte-selection SRAM, SDRAM, PCMCIA for each
address space
 Can select the data bus width (8 or 16 bits) for each address space
 Can control the insertion of wait cycles for each address space
 Can control the insertion of wait cycles for each read access and write access
 Can control the insertion of idle cycles in the consecutive access for five cases
independently: read-write (in same space/different space), read-read (in same
space/different space), or the first cycle is a write access
• Normal space interface
 Supports the interface that can directly connect to the SRAM
• SDRAM interface
 Can connect directly to SDRAM in area 3
 Multiplex output for row address/column address
 Efficient access by single read/single write
 High-speed access by bank-active mode
 Supports auto-refreshing and self-refreshing
• Byte-selection SRAM interface
 Can connect directly to byte-selection SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com