Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 159Page - Renesas Technology Corp HD6417618A Datasheet HTML 160Page - Renesas Technology Corp HD6417618A Datasheet HTML 161Page - Renesas Technology Corp HD6417618A Datasheet HTML 162Page - Renesas Technology Corp HD6417618A Datasheet HTML 163Page - Renesas Technology Corp HD6417618A Datasheet HTML 164Page - Renesas Technology Corp HD6417618A Datasheet HTML 165Page - Renesas Technology Corp HD6417618A Datasheet HTML 166Page - Renesas Technology Corp HD6417618A Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 131 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
Value
R/W
Description
9
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
8
7
A3CL1
A3CL0
1
0
R/W
R/W
CAS Latency for Area 3.
Specify the CAS latency for area 3.
00: 1 cycle
01: 2 cycles
10: 3 cycles
11: Reserved (setting prohibited)
6, 5
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
4
3
TRWL1
TRWL0
0
0
R/W
R/W
Wait Cycle Number for Precharge Start Wait
Specify the number of minimum wait cycles inserted to
wait for the start of precharge in the following cases.
• From the issuing of the WRITA command by this LSI
to the start of the auto-precharge in the SDRAM.
The ACTV command for the same bank is issued
after issuing the WRITA command in non-bank active
mode.
To confirm how many cycles should be needed in the
SDRAM between receiving the WRITA command and
the auto-precharge start, refer to the data sheets for
each SDRAM. Set this bit so that the cycle number in
that data sheets should not exceed the cycle number
set by this bit.
• From the issuing of the WRIT command by this LSI to
the issuing of the PRE command.
A different row address in the same bank is accessed
in bank active mode.
00: 0 cycle (no wait cycle)
01: 1 cycle
10: 2 cycles
11: 3 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com