Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 195Page - Renesas Technology Corp HD6417618A Datasheet HTML 196Page - Renesas Technology Corp HD6417618A Datasheet HTML 197Page - Renesas Technology Corp HD6417618A Datasheet HTML 198Page - Renesas Technology Corp HD6417618A Datasheet HTML 199Page - Renesas Technology Corp HD6417618A Datasheet HTML 200Page - Renesas Technology Corp HD6417618A Datasheet HTML 201Page - Renesas Technology Corp HD6417618A Datasheet HTML 202Page - Renesas Technology Corp HD6417618A Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 167 of 610
REJ09B0131-0600
Single Write: A write access ends in one cycle when data is written in non-cacheable area and the
data bus width is larger than or equal to access size.
Figure 7.16 shows the single write basic timing.
A25 to A0
CSn
RD/
WR
RAS
DQMxx
BS
Tap
Tr
Tc1
Trwl
CAS
CKIO
D15 to D0
A11*
Note: * Address pin to be connected to pin A10 of SDRAM.
Figure 7.16 Basic Timing for Single Write (Auto-Precharge)
Bank Active: The synchronous DRAM bank function is used to support high-speed accesses to
the same row address. When the BACTV bit in SDCR is 1, accesses are performed using
commands without auto-precharge (READ or WRIT). This function is called bank-active function.
When a bank-active function is used, precharging is not performed when the access ends. When
accessing the same row address in the same bank, it is possible to issue the READ or WRIT
command immediately, without issuing an ACTV command. Since synchronous DRAM is
internally divided into several banks, it is possible to keep one row address in each bank activated.
If the next access is to a different row address, a PRE command is first issued to precharge the
relevant bank, then when precharging is completed, the access is performed by issuing an ACTV
command followed by a READ or WRIT command. If this is followed by an access to a different
row address, the access time will be longer because of the precharging performed after the access
request is issued. The number of cycles between issuance of the PRE command and the ACTV
command is determined by bits WTRP1 and WTRP0 in CSnWCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com