Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 325 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 325 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 321Page - Renesas Technology Corp HD6417618A Datasheet HTML 322Page - Renesas Technology Corp HD6417618A Datasheet HTML 323Page - Renesas Technology Corp HD6417618A Datasheet HTML 324Page - Renesas Technology Corp HD6417618A Datasheet HTML 325Page - Renesas Technology Corp HD6417618A Datasheet HTML 326Page - Renesas Technology Corp HD6417618A Datasheet HTML 327Page - Renesas Technology Corp HD6417618A Datasheet HTML 328Page - Renesas Technology Corp HD6417618A Datasheet HTML 329Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 646 page
background image
Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 6.00 Jun. 12, 2007 Page 293 of 610
REJ09B0131-0600
12.3.3
Reception
When the receive function is enabled and the CPU sets the receive request bit (RR) in the E-
DMAC receive request register (EDRRR), the E-DMAC reads the descriptor following the
previously used one from the receive descriptor list (in the initial state, the descriptor indicated by
the transmission descriptor start address register (TDLAR)), and then enters the receive-standby
state. If the setting of the RACT bit is "active" and an own-address frame is received, the E-
DMAC transfers the frame to the receive buffer specified by RD2. If the data length of the
received frame is greater than the buffer length given by RD1, the E-DMAC performs write-back
to the descriptor when the buffer is full (RFP = 10 or 00), then reads the next descriptor. The E-
DMAC then continues to transfer data to the receive buffer specified by the new RD2. When
frame reception is completed, or if frame reception is suspended because of a certain kind of error,
the E-DMAC performs write-back to the relevant descriptor (RFP = 11 or 01), and then ends the
receive processing. The E-DMAC then reads the next descriptor and enters the receive-standby
state again.
To receive frames continuously, the receive enable control bit (RNC) must be set to 1 in the
receive control register (RCR). After initialization, this bit is cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com