Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 330 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 330 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 326Page - Renesas Technology Corp HD6417618A Datasheet HTML 327Page - Renesas Technology Corp HD6417618A Datasheet HTML 328Page - Renesas Technology Corp HD6417618A Datasheet HTML 329Page - Renesas Technology Corp HD6417618A Datasheet HTML 330Page - Renesas Technology Corp HD6417618A Datasheet HTML 331Page - Renesas Technology Corp HD6417618A Datasheet HTML 332Page - Renesas Technology Corp HD6417618A Datasheet HTML 333Page - Renesas Technology Corp HD6417618A Datasheet HTML 334Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 646 page
background image
Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 6.00 Jun. 12, 2007 Page 298 of 610
REJ09B0131-0600
(1)
Countermeasure
This problem does not occur with all of the bits in EESR. The description applies to some bits but
not others. Table 12.1 shows whether the problem can occur with the individual bits and whether
the state of the individual interrupt source is reflected in the descriptor.
Table 12.1
EESR Bits for which This Problem can Occur and Reflection of Interrupt
Sources in the Descriptor
Bit
Bit Name Status
Possibility
of Problem
Reflection in
Descriptor
Interrupt
Source
31
Reserved
30
TWB
Write-back complete
Yes
Transmit
29
Reserved
28
Reserved
27
Reserved
26
TABT
Transmit abort detected
Yes
Reflected in
TD0 bit8
(TFS8)
Transmit
25
RABT
Receive abort detected
No
Reflected in
RD0 bit8
(RFS8)
Reception
24
RFCOF
Receive frame counter overflow
Yes
Reception
23
ADE
Address error
No
Others
22
ECI
EtherC status register interrupt
source
No
Others
21
TC
Frame transmission complete
Yes
Reflected in
TD0 bit31
(TACT)
Transmit
20
TDE
Transmit descriptor empty
No
Transmit
19
TFUF
Transmit FIFO underflow
Yes
Transmit
18
FR
Frame received
No
Reflected in
RD0 bit31
(RACT)
Reception
17
RDE
Receive descriptor empty
No
Reception
16
RFOF
Receive FIFO overflow
Yes
Reflected in
RD0 bit9
(RFS9)
Reception



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com