Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 101Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 102Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 103Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 104Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 105Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 106Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 107Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 108Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 848 page
background image
6. Voltage Detection Circuit
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 69 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
6.2.7
Voltage Monitor 1 Circuit Control Register (VW1C)
Notes:
1. The VW1C0 is enabled when the VCA26 bit in the VCA2 register is set to 1 (voltage detection 1 circuit enabled).
Set the VW1C0 bit to 0 (disabled) when the VCA26 bit is set to 0 (voltage detection 1 circuit disabled).
To set the VW0C0 bit to 1 (enabled), follow the procedure shown in Table 6.4 Procedure for Setting Bits
Associated with Voltage Monitor 1 Interrupt.
2. To use the voltage monitor 1 interrupt to exit stop mode and to return again, write 0 and then 1 to the VW1C1 bit.
3. Bits VW1C2 and VW1C3 are enabled when the VCA26 bit in the VCA2 register is set to 1 (voltage detection 1
circuit enabled).
4. Set the VW1C2 bit to 0 by a program. When 0 is written by a program, this bit is set to 0 (and remains unchanged
even if 1 is written to it).
5. The VW1C7 bit is enabled when the VCAC1 bit in the VCAC register is set to 0 (one edge). After setting the
VCAC1 bit to 0, set the VW1C7 bit.
Set the PRC3 bit in the PRCR register to 1 (write enabled) before writing the VW1C register.
Rewriting the VW1C register may set the VW1C2 bit to 1. Set the VW1C2 bit to 0 after rewriting the VW1C
register.
Address 0039h
Bit
b7b6
b5b4b3b2
b1
b0
Symbol
VW1C7
—
VW1F1
VW1F0
VW1C3
VW1C2
VW1C1
VW1C0
After Reset
1
000
1010
Bit
Symbol
Bit Name
Function
R/W
b0
VW1C0 Voltage monitor 1 reset enable bit (1)
0: Disabled
1: Enabled
R/W
b1
VW1C1 Voltage monitor 0 digital filter
disable mode select bit (2)
0: Digital filter enabled mode
(digital filter circuit enabled)
1: Digital filter disable mode
(digital filter circuit disabled)
R/W
b2
VW1C2 Voltage change detection flag (3, 4)
0: Not detected
1: Vdet1 passing detected
R/W
b3
VW1C3 Voltage detection 1 signal monitor flag (3) 0: VCC < Vdet1
1: VCC
≥ Vdet1
or voltage detection 1 circuit disabled
R
b4
VW1F0 Sampling clock select bit
b5 b4
0 0: fOCO-S divided by 1
0 1: fOCO-S divided by 2
1 0: fOCO-S divided by 4
1 1: fOCO-S divided by 8
R/W
b5
VW1F1
R/W
b6
—
Reserved bit
Set to 0.
R/W
b7
VW1C7 Voltage monitor 1 reset
generation condition select bit (5)
0: When VCC reaches Vdet1 or above.
1: When VCC reaches Vdet1 or below.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com