Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 105Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 106Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 107Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 108Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 109Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 110Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 111Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 112Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 848 page
background image
6. Voltage Detection Circuit
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 73 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
6.4
Voltage Monitor 0 Reset
Table 6.3 lists the Procedure for Setting Bits Associated with Voltage Monitor 0 Reset and Figure 6.5 shows an
Operating Example of Voltage Monitor 0 Reset.
To use the voltage monitor 0 reset to exit stop mode, set the VW0C1 bit in the VW0C register to 1 (digital filter
disabled).
Note:
1. When the VW0C0 bit is set to 0, steps 3 and 4 can be executed simultaneously (with one instruction).
Figure 6.5
Operating Example of Voltage Monitor 0 Reset
Table 6.3
Procedure for Setting Bits Associated with Voltage Monitor 0 Reset
Step
When Using Digital Filter
When Using No Digital Filter
1
Set the VCA25 bit in the VCA2 register to 1 (voltage detection 0 circuit enabled).
2
Wait for td(E-A).
3
Select the sampling clock of the digital filter by
bits VW0F1 to VW0F0 in the VW0C register.
Set the VW0C7 bit in the VW0C register to 1.
4 (1)
Set the VW0C1 bit in the VW0C register to 0
(digital filter enabled).
Set the VW0C1 bit in the VW0C register to 1
(digital filter disabled).
5
Set the VW0C2 bit in the VW0C register to 0.
6
Set the CM14 bit in the CM1 register to 0
(low-speed on-chip oscillator on).
−
7
Wait for 4 cycles of the sampling clock of
the digital filter.
− (No wait time required)
8
Set the VW0C0 bit in the VW0C register to 1 (voltage monitor 0 reset enabled).
Vdet0
Internal reset signal
VCC
The above applies under the following conditions:
• VCA25 bit in VCA2 register = 1 (voltage detection 0 circuit enabled)
• VW0C0 bit in VW0C register = 1 (voltage monitor 0 reset enabled)
When the internal reset signal is driven low, the pins, CPU, and SFRs are initialized.
When the internal reset signal level changes from low to high,
a program is executed beginning with the address indicated by the reset vector.
Refer to 4. Special Function Registers (SFRs) for the status of the SFRs after reset.
1
fOCO-S
× 32
Sampling clock of
digital filter
× 4 cycles
VW0C1 bit is set to 0
(digital filter enabled)
Internal reset signal
VW0C1 bit is set to 1
(digital filter disabled)
1
fOCO-S
× 32
VW0C1 and VW0C7: Bits in VW0C register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com